Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1167B54-M5T1X Datasheet(PDF) 8 Page - ABLIC Inc.

No. de pieza S-1167B54-M5T1X
Descripción Electrónicos  ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1167B54-M5T1X Datasheet(HTML) 8 Page - ABLIC Inc.

Back Button S-1167B54-M5T1X Datasheet HTML 4Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 5Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 6Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 7Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 8Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 9Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 10Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 11Page - ABLIC Inc. S-1167B54-M5T1X Datasheet HTML 12Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 31 page
background image
ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1167 Series
Rev.3.2_02
8
Electrical Characteristics
Table 6
(Ta = 25°C unless otherwise specified)
Item
Symbol
Condition
Min.
Typ.
Max.
Unit
Test
Circuit
Output voltage
*1
VOUT(E)
VIN = VOUT(S)  1.0 V, IOUT = 30 mA
VOUT(S)
 0.99
VOUT(S) VOUT(S)
 1.01
V
1
Output current
*2
IOUT
VIN  VOUT(S)  1.0 V
150
*5
mA
3
Dropout voltage
*3
Vdrop
IOUT = 100 mA
1.5 V
 VOUT(S)  1.9 V
0.5
0.54
0.58
V
1
2.0 V
 VOUT(S)  2.4 V
0.23
0.35
V
1
2.5 V
 VOUT(S)  2.9 V
0.20
0.30
V
1
3.0 V
 VOUT(S)  3.2 V
0.15
0.23
V
1
3.3 V
 VOUT(S)  5.5 V
0.14
0.21
V
1
Line regulation
VOUT1
 VIN  VOUT
VOUT(S)  0.5 V  VIN  6.5 V, IOUT = 30 mA
0.05
0.2
%/V
1
Load regulation
VOUT2
VIN = VOUT(S)  1.0 V, 10 A  IOUT  100 mA
20
40
mV
1
Output voltage
temperature coefficient
*4
VOUT
Ta  VOUT
VIN = VOUT(S)  1.0 V, IOUT = 30 mA,
40°C  Ta  85°C
100
ppm/
C1
Current consumption
during operation
ISS1
VIN = VOUT(S)  1.0 V, ON / OFF pin = ON,
No load
9
16
A
2
Current consumption
during shutdown
ISS2
VIN = VOUT(S)  1.0 V, ON / OFF pin = OFF,
No load
0.1
0.9
A
2
Input voltage
VIN
2.0
6.5
V
ON / OFF pin
input voltage “H”
VSH
VIN = VOUT(S)  1.0 V, RL = 1.0 k
1.5
V
4
ON / OFF pin
input voltage “L”
VSL
VIN = VOUT(S)  1.0 V, RL = 1.0 k
0.3
V
4
ON / OFF pin
input current “H”
ISH
VIN = 6.5 V, VON / OFF = 6.5 V
0.1
0.1
A
4
ON / OFF pin
input current “L”
ISL
VIN = 6.5 V, VON / OFF = 0 V
0.1
0.1
A
4
Ripple rejection
RR
VIN = VOUT(S)  1.0 V,
f = 1.0 kHz,
Vrip = 0.5 Vrms,
IOUT = 30 mA
1.5 V
 VOUT(S)  3.0 V
70
dB
5
3.1 V
 VOUT(S)  5.5 V
65
dB
5
Short-circuit current
ISHORT
VIN = VOUT(S)  1.0 V, ON / OFF pin = ON,
VOUT = 0 V
300
mA
3
*1. VOUT(S) : Set output voltage
VOUT(E) : Actual output voltage
Output voltage when fixing IOUT (= 30 mA) and inputting VOUT(S)  1.0 V
*2. The output current at which the output voltage becomes 95% of VOUT(E) after gradually increasing the output current.
*3. Vdrop = VIN1  (VOUT3  0.98)
VOUT3 is the output voltage when VIN = VOUT(S)  1.0 V and IOUT = 100 mA.
VIN1 is the input voltage at which the output voltage becomes 98% of VOUT3 after gradually decreasing the input
voltage.
*4. A change in the temperature of the output voltage [mV/°C] is calculated using the following equation.
VOUT
Ta
[]
mV/°C
*1 = V
OUT(S) []
V
*2
VOUT
Ta  VOUT []
ppm/°C
*3  1000
*1. Change in temperature of the output voltage
*2. Set output voltage
*3. Output voltage temperature coefficient
*5. The output current can be at least this value.
Due to restrictions on the package power dissipation, this value may not be satisfied. Attention should be paid to the
power dissipation of the package when the output current is large.
This specification is guaranteed by design.


Número de pieza similar - S-1167B54-M5T1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1167B54-M5T1G SII-S-1167B54-M5T1G Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-1167B54-M5T1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1167 SII-S-1167 Datasheet
474Kb / 31P
   ULTRA LOW CURRENT CONSUMPTION, HIGH RIPPLE REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312 SII-S1312 Datasheet
2Mb / 47P
   LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S1312XXXH SII-S1312XXXH Datasheet
2Mb / 38P
   OPERATION LOW CURRENT CONSUMPTION HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112 Datasheet
388Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-L2980 ABLIC-S-L2980 Datasheet
447Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.5.1_02
S-1112 ABLIC-S-1112 Datasheet
494Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.6.1_02
logo
Seiko Instruments Inc
S-L2980 SII-S-L2980_1 Datasheet
327Kb / 23P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
S-1112 SII-S-1112_1 Datasheet
412Kb / 30P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-T111 ABLIC-S-T111 Datasheet
363Kb / 23P
   HIGH RIPPLE-REJECTION LOW DROPOUT CMOS VOLTAGE REGULATOR
Rev.3.1_02
logo
Seiko Instruments Inc
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com