Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1172B41-E6T1X Datasheet(PDF) 22 Page - ABLIC Inc.

No. de pieza S-1172B41-E6T1X
Descripción Electrónicos  HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1172B41-E6T1X Datasheet(HTML) 22 Page - ABLIC Inc.

Back Button S-1172B41-E6T1X Datasheet HTML 18Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 19Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 20Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 21Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 22Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 23Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 24Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 25Page - ABLIC Inc. S-1172B41-E6T1X Datasheet HTML 26Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1172 Series
Rev.2.2_03
22
Reference Data
1. Characteristics of input transient response (Ta =
25°C)
S-1172B10
IOUT = 100 mA, tr = tf = 5.0 s, COUT = 4.7 F, CIN = 4.7 F
S-1172B30
IOUT = 100 mA, tr = tf = 5.0 s, COUT = 4.7 F, CIN = 4.7 F
0
200
t [
μs]
200
600
0
4
3
2
1
400
800 1000 1200
0.95
VIN
VOUT
1.00
1.05
1.10
1.15
0
6
5
4
3
2
1
0
200
t [
μs]
200
600
400
800 1000 1200
3.00
3.05
3.10
3.15
3.20
2.90
2.95
VIN
VOUT
S-1172B50
IOUT = 100 mA, tr = tf = 5.0 s, COUT = 4.7 F, CIN = 4.7 F
0
7
6
5
4
3
2
4.90
4.95
5.00
5.05
5.10
5.15
5.20
5.25
0
200
t [
μs]
200
600
400
800 1000 1200
1
VIN
VOUT
2. Characteristics of load transient response (Ta =
25C)
S-1172B10
VIN = 2.0 V, COUT = 4.7 F, CIN = 4.7 F, IOUT = 50 mA  100 mA
VIN = 2.0 V, COUT = 4.7 F, CIN = 4.7 F, IOUT = 100 mA  500 mA
0
150
100
50
50
100
0.90
0.95
1.00
1.05
1.10
1.15
1.20
0
200
t [
μs]
200
600
400
800 1000 1200
150
IOUT
VOUT
0
600
400
200
200
400
0.80
0.90
1.00
1.10
1.20
1.30
1.40
0
200
t [
μs]
200
600
400
800 1000 1200
600
IOUT
VOUT
S-1172B30
VIN = 4.0 V, COUT = 4.7 F, CIN = 4.7 F, IOUT = 50 mA  100 mA
VIN = 4.0 V, COUT = 4.7 F, CIN = 4.7 F, IOUT = 100 mA  500 mA
0
150
100
50
50
100
2.90
2.95
3.00
3.05
3.10
3.15
3.20
0
200
t [
μs]
200
600
400
800 1000 1200
150
IOUT
VOUT
0
600
400
200
200
400
2.80
2.90
3.00
3.10
3.20
3.30
3.40
0
200
t [
μs]
200
600
400
800 1000 1200
600
IOUT
VOUT
2.70
800


Número de pieza similar - S-1172B41-E6T1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1172B41-E6T1G SII-S-1172B41-E6T1G Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-1172B41-E6T1X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1172 SII-S-1172 Datasheet
654Kb / 34P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_12 Datasheet
290Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
L1136 UTC-L1136 Datasheet
229Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-1155 ABLIC-S-1155 Datasheet
515Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
Rev.2.1_03
logo
Seiko Instruments Inc
S-1155 SII-S-1155 Datasheet
773Kb / 28P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Unisonic Technologies
L1136 UTC-L1136_11 Datasheet
214Kb / 9P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
logo
Seiko Instruments Inc
S-13A1 SII-S-13A1 Datasheet
3Mb / 74P
   HIGH RIPPLE-REJECTION LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1132 SII-S-1132 Datasheet
531Kb / 35P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1135 SII-S-1135 Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
S-1170 SII-S-1170 Datasheet
392Kb / 29P
   HIGH RIPPLE-REJECTION AND LOW DROPOUT HIGH OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com