Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1135B11-A6T1U Datasheet(PDF) 35 Page - ABLIC Inc.

No. de pieza S-1135B11-A6T1U
Descripción Electrónicos  5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1135B11-A6T1U Datasheet(HTML) 35 Page - ABLIC Inc.

Back Button S-1135B11-A6T1U Datasheet HTML 31Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 32Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 33Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 34Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 35Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 36Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 37Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 38Page - ABLIC Inc. S-1135B11-A6T1U Datasheet HTML 39Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 48 page
background image
5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.3_00
S-1135 Series
35
(c) S-1135 Series C type
(d) S-1135 Series D type
Product Name
Product code
Product Name
Product code
(1)
(2)
(3)
(1)
(2)
(3)
S-1135C10-M5T1y
V
A
A
S-1135D10-M5T1y
V
B
A
S-1135C11-M5T1y
V
A
B
S-1135D11-M5T1y
V
B
B
S-1135C12-M5T1y
V
A
C
S-1135D12-M5T1y
V
B
C
S-1135C13-M5T1y
V
A
D
S-1135D13-M5T1y
V
B
D
S-1135C14-M5T1y
V
A
E
S-1135D14-M5T1y
V
B
E
S-1135C15-M5T1y
V
A
F
S-1135D15-M5T1y
V
B
F
S-1135C16-M5T1y
V
A
G
S-1135D16-M5T1y
V
B
G
S-1135C17-M5T1y
V
A
H
S-1135D17-M5T1y
V
B
H
S-1135C18-M5T1y
V
A
I
S-1135D18-M5T1y
V
B
I
S-1135C1J-M5T1y
V
A
J
S-1135D1J-M5T1y
V
B
J
S-1135C19-M5T1y
V
A
K
S-1135D19-M5T1y
V
B
K
S-1135C20-M5T1y
V
A
L
S-1135D20-M5T1y
V
B
L
S-1135C21-M5T1y
V
A
M
S-1135D21-M5T1y
V
B
M
S-1135C22-M5T1y
V
A
N
S-1135D22-M5T1y
V
B
N
S-1135C23-M5T1y
V
A
O
S-1135D23-M5T1y
V
B
O
S-1135C24-M5T1y
V
A
P
S-1135D24-M5T1y
V
B
P
S-1135C25-M5T1y
V
A
Q
S-1135D25-M5T1y
V
B
Q
S-1135C26-M5T1y
V
A
R
S-1135D26-M5T1y
V
B
R
S-1135C27-M5T1y
V
A
S
S-1135D27-M5T1y
V
B
S
S-1135C28-M5T1y
V
A
T
S-1135D28-M5T1y
V
B
T
S-1135C2J-M5T1y
V
A
U
S-1135D2J-M5T1y
V
B
U
S-1135C29-M5T1y
V
A
V
S-1135D29-M5T1y
V
B
V
S-1135C30-M5T1y
V
A
W
S-1135D30-M5T1y
V
B
W
S-1135C31-M5T1y
V
A
X
S-1135D31-M5T1y
V
B
X
S-1135C32-M5T1y
V
A
Y
S-1135D32-M5T1y
V
B
Y
S-1135C33-M5T1y
V
A
Z
S-1135D33-M5T1y
V
B
Z
S-1135C34-M5T1y
V
A
2
S-1135D34-M5T1y
V
B
2
S-1135C35-M5T1y
V
A
3
S-1135D35-M5T1y
V
B
3
Remark 1.
y: S or U
2.
Please select products of environmental code = U for Sn 100%, halogen-free products.


Número de pieza similar - S-1135B11-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1135B11-A6T1U SII-S-1135B11-A6T1U Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-1135B11-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1333 ABLIC-S-1333 Datasheet
676Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
S-1313XXXH ABLIC-S-1313XXXH Datasheet
889Kb / 49P
   105°C OPERATION, 5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com