Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-1135B13-A6T1U Datasheet(PDF) 47 Page - ABLIC Inc.

No. de pieza S-1135B13-A6T1U
Descripción Electrónicos  5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-1135B13-A6T1U Datasheet(HTML) 47 Page - ABLIC Inc.

Back Button S-1135B13-A6T1U Datasheet HTML 40Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 41Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 42Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 43Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 44Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 45Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 46Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 47Page - ABLIC Inc. S-1135B13-A6T1U Datasheet HTML 48Page - ABLIC Inc.  
Zoom Inzoom in Zoom Outzoom out
 47 / 48 page
background image
No.
TITLE
UNIT
ANGLE
ABLIC Inc.
mm
HSNT-6A-A
-Land &Stencil Opening
PJ006-A-LM-SD-1.1
No. PJ006-A-LM-SD-1.1
0.3
0.5
1.4
2.1
0.7
0.7
0.35
0.35
Land Recommendation
0.3
0.5
1.6
2.0
0.8
0.2
0.2
0.8
Stencil Opening
Caution It is recommended to solder the heat sink to a board
in order to ensure the heat radiation.
PKG


Número de pieza similar - S-1135B13-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Seiko Instruments Inc
S-1135B13-A6T1U SII-S-1135B13-A6T1U Datasheet
2Mb / 48P
   HIGH RIPPLE-REJECTION LOW DROPOUT MIDDLE OUTPUT CURRENT CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-1135B13-A6T1U

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-1333 ABLIC-S-1333 Datasheet
676Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR
Rev.2.4_00
S-1137 ABLIC-S-1137 Datasheet
791Kb / 47P
   5.5 V INPUT, 300 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.2.2_00
S-13A1 ABLIC-S-13A1 Datasheet
1Mb / 74P
   5.5 V INPUT, 1000 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1313 ABLIC-S-1313 Datasheet
825Kb / 56P
   5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.2.2_00
S-1312 ABLIC-S-1312 Datasheet
540Kb / 47P
   5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.2.5_00
logo
Analog Devices
ADP122ACPZ-2.6-R7 AD-ADP122ACPZ-2.6-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
ADP122 AD-ADP122 Datasheet
616Kb / 20P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
REV. 0
ADP122ACPZ-1.8-R7 AD-ADP122ACPZ-1.8-R7 Datasheet
611Kb / 24P
   5.5 V Input, 300 mA, Low Quiescent Current, CMOS Linear Regulator
Rev. E
logo
ABLIC Inc.
S-1324 ABLIC-S-1324 Datasheet
870Kb / 46P
   5.5 V INPUT, 200 mA, LOW NOISE VOLTAGE REGULATOR
Rev.1.0_01
S-1313XXXH ABLIC-S-1313XXXH Datasheet
889Kb / 49P
   105°C OPERATION, 5.5 V INPUT, 200 mA VOLTAGE REGULATOR
Rev.1.2_00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com