Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
S-1135B18-A6T1U Datasheet(PDF) 6 Page - ABLIC Inc. |
|
S-1135B18-A6T1U Datasheet(HTML) 6 Page - ABLIC Inc. |
6 / 48 page 5.5 V INPUT, 300 mA VOLTAGE REGULATOR S-1135 Series Rev.2.3_00 6 Product Name Structure Users can select the product type, output voltage, and package type for the S-1135 Series. Refer to “1. Product name ” regarding the contents of product name, “2. Function list of product type” regarding the product type, “3. Packages ” regarding the package drawings. 1. Product name 1. 1 SOT-89-5 S-1135 x xx - U5T1 x Output voltage *2 10 to 35 (e.g., when the output voltage is 1.0 V, it is expressed as 10.) Environmental code U: Lead-free (Sn 100%), halogen-free G: Lead-free (for details, please contact our sales office) Product type *3 A to H Package abbreviation and IC packing specifications *1 U5T1: SOT-89-5, Tape *1. Refer to the tape drawing. *2. If you request the product which has 0.05 V step, contact our sales office. *3. Refer to “2. Function list of product type”. 1. 2 SOT-23-5 S-1135 x xx - M5T1 x Output voltage *2 10 to 35 (e.g., when the output voltage is 1.0 V, it is expressed as 10.) Environmental code U: Lead-free (Sn 100%), halogen-free S: Lead-free, halogen-free Product type *3 A to H Package abbreviation and IC packing specifications *1 M5T1: SOT-23-5, Tape *1. Refer to the tape drawing. *2. If you request the product which has 0.05 V step, contact our sales office. *3. Refer to “2. Function list of product type”. |
Número de pieza similar - S-1135B18-A6T1U |
|
Descripción similar - S-1135B18-A6T1U |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |