Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10105FNR2 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10105FNR2
Descripción Electrónicos  Triple 2-3-2-Input OR/NOR Gate
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10105FNR2 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10105FNR2 Datasheet HTML 1Page - ON Semiconductor MC10105FNR2 Datasheet HTML 2Page - ON Semiconductor MC10105FNR2 Datasheet HTML 3Page - ON Semiconductor MC10105FNR2 Datasheet HTML 4Page - ON Semiconductor MC10105FNR2 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
3–21
REV 5
© Motorola, Inc. 1996
3/93
Triple 2-3-2-Input OR/NOR
Gate
The MC10105 is a triple 2–3–2 input OR/NOR gate.
PD = 30 mW typ/gate (No Load)
tpd = 2.0 ns typ
tr, tf = 2.0 ns typ (20%–80%)
LOGIC DIAGRAM
VCC1 = PIN 1
VCC2 = PIN 16
VEE = PIN 8
12
15
13
14
5
2
43
11
7
9
6
10
MC10105
DIP
PIN ASSIGNMENT
VCC1
AOUT
AOUT
AIN
AIN
BOUT
BOUT
VEE
VCC2
COUT
COUT
CIN
CIN
BIN
BIN
BIN
16
15
14
13
12
11
10
9
1
2
3
4
5
6
7
8
Pin assignment is for Dual–in–Line Package.
For PLCC pin assignment, see the Pin Conversion
Tables on page 6–11 of the Motorola MECL Data
Book (DL122/D).
L SUFFIX
CERAMIC PACKAGE
CASE 620–10
P SUFFIX
PLASTIC PACKAGE
CASE 648–08
FN SUFFIX
PLCC
CASE 775–02


Número de pieza similar - MC10105FNR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10105FN ONSEMI-MC10105FN Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
More results

Descripción similar - MC10105FNR2

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10105 ONSEMI-MC10105_02 Datasheet
107Kb / 8P
   Triple 2-3-2-Input OR/NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105 Datasheet
94Kb / 3P
   Triple 2-3-2-Input OR/NOR Gate
REV 5
MC10H107 ONSEMI-MC10H107 Datasheet
95Kb / 3P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
REV 5
MC10107 ONSEMI-MC10107 Datasheet
104Kb / 5P
   Triple 2-Input Exclusive OR/Exclusive NOR Gate
1996 REV 5
MC10107 ONSEMI-MC10107_02 Datasheet
108Kb / 8P
   Triple 2-Input Exclusive OR/ Exclusive NOR Gate
January, 2002 ??Rev. 7
MC10H105 ONSEMI-MC10H105_16 Datasheet
135Kb / 5P
   Triple 2?????륤nput OR/NOR Gate
August, 2016 ??Rev. 8
MC10H105 ONSEMI-MC10H105_06 Datasheet
150Kb / 6P
   Triple 2?????묲nput OR/NOR Gate
February, 2006 ??Rev. 7
logo
Motorola, Inc
MC1674 MOTOROLA-MC1674 Datasheet
505Kb / 7P
   TRIPLE 2-INPUT EXCLUSIVE-NOR GATE
logo
Micrel Semiconductor
SY100S302 MICREL-SY100S302_07 Datasheet
79Kb / 4P
   QUINT 2-INPUT OR/NOR GATE
logo
National Semiconductor ...
F100102 NSC-F100102 Datasheet
95Kb / 3P
   QUINT 2-INPUT OR-NOR GATE
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com