Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10116 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC10116
Descripción Electrónicos  Triple Line Receiver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10116 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10116 Datasheet HTML 1Page - ON Semiconductor MC10116 Datasheet HTML 2Page - ON Semiconductor MC10116 Datasheet HTML 3Page - ON Semiconductor MC10116 Datasheet HTML 4Page - ON Semiconductor MC10116 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MC10116
3–65
MOTOROLA
MECL Data
DL122 — Rev 6
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin VILAmax
VBB
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
From
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
From
Pin
11
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
11
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin VILAmax
VBB
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
4, 9, 12
5, 10, 13
8
1, 16
Input Current
IinH
4
4
9, 12
5, 10, 13
8
1, 16
ICBO
4
9, 12
5, 10, 13
8,4
1, 16
Output Voltage
Logic 1
VOH
2
3
4
9, 12
9, 12
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Output Voltage
Logic 0
VOL
2
3
9, 12
4
4
9, 12
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 1
VOHA
2
3
9, 12
9, 12
4
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Threshold Voltage
Logic 0
VOLA
2
3
9, 12
9, 12
4
4
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Reference Voltage
VBB
11
5, 10, 13
8
1, 16
Switching Times
(50
Ω Load)
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
t4+2+
t4–2–
t4+3–
t4–3+
2
2
3
3
4
4
4
4
2
2
3
3
5, 10, 13
5, 10, 13
5, 10, 13
5, 10, 13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Rise Time
(20 to 80%)
t2+
t3+
2
3
4
4
2
3
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t2–
t3–
2
3
4
4
2
3
5, 10, 13
5, 10, 13
8
8
1, 16
1, 16
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Número de pieza similar - MC10116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10116 ONSEMI-MC10116 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10116FN ONSEMI-MC10116FN Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10116L ONSEMI-MC10116L Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10116P ONSEMI-MC10116P Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
More results

Descripción similar - MC10116

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116 Datasheet
110Kb / 4P
   Triple Line Receiver
REV 6
MC10H116 ONSEMI-MC10H116_16 Datasheet
151Kb / 5P
   Triple Line Receiver
August, 2016 ??Rev. 11
logo
National Semiconductor ...
DS75124 NSC-DS75124 Datasheet
99Kb / 4P
   Triple Line Receiver
logo
Texas Instruments
SN75124 TI-SN75124 Datasheet
106Kb / 6P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10114 ONSEMI-MC10114_02 Datasheet
112Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
MC10114 ONSEMI-MC10114 Datasheet
110Kb / 6P
   Triple Line Receiver
1996 REV 5
logo
Texas Instruments
SN75124 TI1-SN75124_14 Datasheet
315Kb / 11P
[Old version datasheet]   TRIPLE LINE RECEIVER
logo
ON Semiconductor
MC10H116 ONSEMI-MC10H116_06 Datasheet
163Kb / 6P
   Triple Line Receiver
February, 2006 ??Rev. 10
MC10116 ONSEMI-MC10116_02 Datasheet
108Kb / 8P
   Triple Line Receiver
January, 2002 ??Rev. 7
logo
NXP Semiconductors
10116 PHILIPS-10116 Datasheet
258Kb / 5P
   Triple Differential Line Receiver
June 14 1990
More results


Html Pages

1 2 3 4 5


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com