Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10136 Datasheet(PDF) 4 Page - ON Semiconductor

No. de pieza MC10136
Descripción Electrónicos  Universal Hexadecimal Counter
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10136 Datasheet(HTML) 4 Page - ON Semiconductor

  MC10136 Datasheet HTML 1Page - ON Semiconductor MC10136 Datasheet HTML 2Page - ON Semiconductor MC10136 Datasheet HTML 3Page - ON Semiconductor MC10136 Datasheet HTML 4Page - ON Semiconductor MC10136 Datasheet HTML 5Page - ON Semiconductor MC10136 Datasheet HTML 6Page - ON Semiconductor MC10136 Datasheet HTML 7Page - ON Semiconductor MC10136 Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MC10136
MOTOROLA
MECL Data
DL122 — Rev 6
3–30
ELECTRICAL CHARACTERISTICS (continued)
TEST VOLTAGE VALUES (Volts)
@ Test Temperature
VIHmax
VILmin
VIHAmin
VILAmax
VEE
–30
°C
–0.890
–1.890
–1.205
–1.500
–5.2
+25
°C
–0.810
–1.850
–1.105
–1.475
–5.2
+85
°C
–0.700
–1.825
–1.035
–1.440
–5.2
Pin
Under
TEST VOLTAGE APPLIED TO PINS LISTED BELOW
(VCC)
Characteristic
Symbol
Under
Test
VIHmax
VILmin
VIHAmin
VILAmax
VEE
(VCC)
Gnd
Power Supply Drain Current
IE
8
8
1, 16
Input Current
IinH
5,6,11,12
7
9,10
13
5,6,11,12
7
9,10
13
8
8
8
8
1, 16
1, 16
1, 16
1, 16
IinL
All
Note 1.
8
1, 16
Output Voltage
Logic 1
VOH
14 (2.)
12
7, 9
8
1, 16
Output Voltage
Logic 0
VOL
14 (2.)
7, 9
8
1, 16
Threshold Voltage
Logic 1
VOHA
14 (2.)
7, 9
12
8
1, 16
Threshold Voltage
Logic 0
VOLA
14 (2.)
7, 9
12
8
1, 16
Switching Times
(50
Ω Load)
+1.11V
+0.31V
Pulse In
Pulse Out
–3.2 V
+2.0 V
Propagation Delay
Clock Input
t13+14+
t13+14–
t13+4+
t13+4–
14
14
4
4
12
7
7
13
13
13
13
14
14
4
4
8
8
8
8
1, 16
1, 16
1, 16
1, 16
Carry In to Carry Out
t10–4–
t10+4+
4 (3.)
4
7
7
13
13
10
10
4
4
8
8
1, 16
1, 16
Setup Time
Data Inputs
t12+13+
t12–13+
14
14
7, 9
7, 9
12, 13
12, 13
14
14
8
8
1, 16
1, 16
Select Inputs
t9+13+
t7+13+
14
14
9, 13
7, 13
14
14
8
8
1, 16
1, 16
Carry In Inputs
t10–13+
t10+13+
14
14
7
7
9
9
10, 13
10, 13
14
14
8
8
1, 16
1, 16
Hold Time
Data Inputs
t13+12+
t13+12–
14
14
7, 9
7, 9
12, 13
12, 13
14
14
8
8
1, 16
1, 16
Select Inputs
t13+9+
t13+7+
14
14
9, 13
7, 13
14
14
8
8
1, 16
1, 16
Carry In Inputs
t13+10–
t13+10+
14
14
7
7
9
10, 13
10, 13
14
14
8
8
1, 16
1, 16
Counting Frequency
fcountup
fcountdown
14
14
7
9
13
13
14
14
8
8
1, 16
1, 16
Rise Time
(20 to 80%)
t4+
t14+
4
14
7
7
13
13
4
14
8
8
1, 16
1, 16
Fall Time
(20 to 80%)
t4–
t14–
4
14
7
7
13
13
4
14
8
8
1, 16
1, 16
1. Individually test each input; apply VILmin to pin under test.
2. Measure output after clock pulse
VIH
VIL
appears at clock input (Pin 13).
3. Before test set all Q outputs to a logic high.
4. To preserve reliable performance, the MC10136 (plastic packaged device only) is to be operated in ambient temperatures above 70
°C only
when 500lfpm blown air or equivalent heat sinking is provided.
Each MECL 10,000 series circuit has been designed to meet the dc specifications shown in the test table, after thermal equilibrium has been
established. The circuit is in a test socket or mounted on a printed circuit board and transverse air flow greater than 500 linear fpm is maintained.
Outputs are terminated through a 50-ohm resistor to –2.0 volts. Test procedures are shown for only one gate. The other gates are tested in the
same manner.


Número de pieza similar - MC10136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10136 ONSEMI-MC10136 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136FN ONSEMI-MC10136FN Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136L ONSEMI-MC10136L Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136P ONSEMI-MC10136P Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
More results

Descripción similar - MC10136

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10H136 ONSEMI-MC10H136_06 Datasheet
155Kb / 8P
   Universal Hexadecimal Counter
February, 2006 ??Rev. 8
MC10H136 ONSEMI-MC10H136_16 Datasheet
146Kb / 6P
   Universal Hexadecimal Counter
August, 2016 ??Rev. 9
logo
Austin Semiconductor
AS10H536 AUSTIN-AS10H536 Datasheet
120Kb / 5P
   Universal Hexadecimal Counter
logo
ON Semiconductor
MC10136 ONSEMI-MC10136_02 Datasheet
138Kb / 8P
   Universal Hexadecimal Counter
January, 2002 ??Rev. 7
MC10H136 ONSEMI-MC10H136 Datasheet
116Kb / 4P
   Universal Hexadecimal Counter
REV 6
logo
Motorola, Inc
MC10137 MOTOROLA-MC10137 Datasheet
130Kb / 6P
   Universal Decade Counter
logo
Keysight Technologies
53210A KEYSIGHT-53210A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
53230A KEYSIGHT-53230A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
E1420B KEYSIGHT-E1420B Datasheet
335Kb / 5P
   High-Performance VXI Universal Counter
53220A KEYSIGHT-53220A Datasheet
1Mb / 24P
   RF/Universal Frequency Counter/Timers
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com