Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
BA-4S7UW-A Datasheet(PDF) 2 Page - Yellow Stone Corp |
|
BA-4S7UW-A Datasheet(HTML) 2 Page - Yellow Stone Corp |
2 / 2 page AD-07 BA- 2x2UW AD-08 BA- 8x6UW AD-09 BA- 4x7UW AD-10 BA- 4x7UW-A AD-11 BA-4x7UW-B AD-12 BA- 4x7UW-C NOTES: 1.All Dimensions are in millimeters(inches). 2.Tolerance isA0.25mm(.010D). 3.Specifications are subject to change without notice. 4.NP:No Pin. 5.NC:No Connect. 1 4 6 12.90(.508) 13.90(.547) 8.00(.315) 3.00(.118) MIN. 7.50(.295) 6.50(.256) 3 NC: 2. NP: 5. E0.50 (.020) 5.08(.200) PIN 1. + 2.54x2=5.00(.197) H A 1 23 B G 5 4 C F 7 6 D E 2.54x7=17.78(.700) 20.16(.794) 19.06(.750) E0.50 (.020) MIN. 3.00(.118) 16 14 15 11 12 13 10 10.00(.394) 8.90(.350) 8 9 7.62(.300) 6.15(.242) + PIN 1. 2 1 15.00(.590) 15.00(.590) 5.08(.200) 0.90(.035) 11.2(.441) 3.00(.118) MIN. E0.50(.020) PIN 1. + 15.00(.590) 0.90(.035) 11.2(0.44) E0.50(.020) 12 3 4 5 6 7 8 15.00(.590) 3.00(.118) MIN. 7.62(.300) 12.70(.500) + PIN 1. 2 1 PIN 1. + + - 11.2(0.44) E0.50(.020) 3.00(.118)MIN. 5.08(.200) 15.00(.590) 15.00(.590) 0.90(.035) PIN 1. + 2 15.00(.590) E0.50(.020) 2.54(.10) 3.00(.118)MIN. 11.2(0.44) 1 0.90(.035) 15.00(.590) - + Yellow Stone corp. www.ystone.com.tw 886-2-28221522 FAX:886-2-28202309 YELLOW STONE CORP. Specifications subject to change without notice. |
Número de pieza similar - BA-4S7UW-A |
|
Descripción similar - BA-4S7UW-A |