Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ML22Q54 Datasheet(PDF) 1 Page - OKI electronic componets

No. de pieza ML22Q54
Descripción Electrónicos  2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  OKI [OKI electronic componets]
Página de inicio  http://www.oki.com
Logo OKI - OKI electronic componets

ML22Q54 Datasheet(HTML) 1 Page - OKI electronic componets

  ML22Q54 Datasheet HTML 1Page - OKI electronic componets ML22Q54 Datasheet HTML 2Page - OKI electronic componets ML22Q54 Datasheet HTML 3Page - OKI electronic componets ML22Q54 Datasheet HTML 4Page - OKI electronic componets ML22Q54 Datasheet HTML 5Page - OKI electronic componets ML22Q54 Datasheet HTML 6Page - OKI electronic componets ML22Q54 Datasheet HTML 7Page - OKI electronic componets ML22Q54 Datasheet HTML 8Page - OKI electronic componets ML22Q54 Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 31 page
background image
OKI Semiconductor
FEDL2250DIGEST-01
Issue Date: Oct. 15, 2002
ML2252/54-XXX, ML22Q54
2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
1/31
This document contains minimum specifications. For full specifications, please contact your nearest Oki office or
representative.
GENERAL DESCRIPTION
The ML2250 family is a 2-channel mixing speech synthesis device with an on-chip voice data (i.e., phrases)
storing mask ROM and a flash memory. Besides playing the built-in voice data, this device can output voice data
that is input from outside the device. This ML2250 family allows to select the playback method from the 8-bit
PCM, non-linear 8-bit PCM, 16-bit PCM, 2-bit ADPCM2, and 4-bit ADPCM2 algorithms. And the sound volume
is adjustable as well.
The ML2250 family incorporates a 14-bit D/A converter, low-pass filter, and 1-bit DAC (PWM output).
It is easy to configure a speech synthesizer by externally connecting a power amplifier and a CPU to the ML2250
family.
The ML2250 family line-up includes 2 types of products: with on-chip mask ROM, and with on-chip flash
memory.
• ML2252/54-XXX
This is a CMOS single chip speech synthesis device with an on-chip mask ROM. Products with 2 types of mask
ROMs are available in the ML2250 family depending upon the total playback time length.
• ML22Q54
The ML22Q54 is a speech synthesis device with a 4-Mbit flash memory built in. The voice data can be easily
written to the flash memory using a special tool. The on-chip flash memory product is suitable for the diversified
low volume production or short delivery time applications that the on-chip mask ROM product cannot support.
The ML22Q54 is most suitable for evaluation because the circuit configuration is the same as the on-chip mask
ROM product.
A combination of fixed and variable messages can be written because it is easy to write to the built-in flash
memory. It is also possible to store and read data, other than voice, to/from an area in the flash memory not used
as voice data.


Número de pieza similar - ML22Q54

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML22Q54GA OKI-ML22Q54GA Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
More results

Descripción similar - ML22Q54

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
OKI electronic componet...
ML2250 OKI-ML2250 Datasheet
623Kb / 36P
   2-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
ML2240 OKI-ML2240 Datasheet
186Kb / 24P
   4-Channel Mixing Oki ADPCM Algorithm-Based Speech Synthesis LSI
logo
List of Unclassifed Man...
ML22808 ETC2-ML22808 Datasheet
601Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
FEDL2280X-04 ETC2-FEDL2280X-04 Datasheet
584Kb / 41P
   LAPIS Semiconductor ADPCM Algorithm-Based Speech Synthesis LSI
logo
OKI electronic componet...
MSM9811 OKI-MSM9811 Datasheet
331Kb / 44P
   4-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810B OKI-MSM9810B Datasheet
337Kb / 44P
   8-Channel Mixing OKI ADPCM Type Voice Synthesis LSI
MSM9810 OKI-MSM9810 Datasheet
184Kb / 32P
   8-channel Mixing OKI ADPCM Type Voice Synthesis LSI
logo
List of Unclassifed Man...
ML22Q374 ETC2-ML22Q374 Datasheet
502Kb / 35P
   ADPCM Speech Synthesis LSI
FEDL22330-02 ETC2-FEDL22330-02 Datasheet
1Mb / 39P
   ADPCM Speech Synthesis LSI
FEDL22Q374-03 ETC2-FEDL22Q374-03 Datasheet
859Kb / 35P
   ADPCM Speech Synthesis LSI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com