Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HM-0020 Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

No. de pieza HM-0020
Descripción Electrónicos  LCD Module User Manual V1.0
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Página de inicio  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

HM-0020 Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button HM-0020 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd HM-0020 Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
TOPWAY
TOPWAY
TOPWAY
TOPWAY
LCD Module User Manual
HM-0020
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: HM-0020-Manual-Rev1.0.doc
Page: 8 of 12
4.2
Display Memory Map
There are two main memory-areas in the LCD module for display.
-
Character Generator RAM (CGRAM)
-
Display Data RAM (DDRAM)
4.2.1
Character Generator RAM (CGRAM)
CGRAM is for storing the user-defined characters (5x8 dots font).
Totally 8 user-defined characters (character code = 00h ~ 07h) could be created.
The user-defined character codes are 00h and 07h. They could be called into DDRAM as normal
character.
CGRAM Data (Font Pattern)
User-Defined
Character Codes
CGRAM Data
sequence
D7 ~ D5
D4
~
D0
1
st
0
0
0
0
0
1
0
0
2
nd
0
0
0
0
0
0
0
0
3
rd
0
0
0
0
0
1
0
0
4
th
0
0
0
0
1
0
0
0
5
th
0
0
0
1
0
0
0
0
6
th
0
0
0
1
0
0
0
0
7
th
0
0
0
0
1
1
1
0
0x00
8
th
0
0
0
0
0
0
0
0
0x01
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
0x02
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
0x03
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
0x04
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
0x05
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
0x06
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
0x07
1
st
:
8
th
Not Use
5 x 8 dots
font pattern
Note:
*1. Module receives the character’s data sequence automatically;
*2. ‘¿’ is loaded where user-defined character code is 0x00, as showed above.


Número de pieza similar - HM-0020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M-System Co.,Ltd.
HM-0-R MSYSTEM-HM-0-R Datasheet
100Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
HM-0-R/Q MSYSTEM-HM-0-R/Q Datasheet
100Kb / 3P
   Space-saving Plug-in Signal Conditioners H-UNIT
logo
Tyco Electronics
HM-040040-25-8A MACOM-HM-040040-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
HM-064064-25-8A MACOM-HM-064064-25-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
HM-080080-10-8A MACOM-HM-080080-10-8A Datasheet
2Mb / 48P
   Label format - Old format order code cross reference
More results

Descripción similar - HM-0020

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen Huazhimei Semi...
HM5424 HMSEMI-HM5424 Datasheet
622Kb / 11P
   H User Manual V1.0
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com