Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

EC103D1 Datasheet(PDF) 8 Page - WeEn Semiconductors

No. de pieza EC103D1
Descripción Electrónicos  SCR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

EC103D1 Datasheet(HTML) 8 Page - WeEn Semiconductors

Back Button EC103D1 Datasheet HTML 4Page - WeEn Semiconductors EC103D1 Datasheet HTML 5Page - WeEn Semiconductors EC103D1 Datasheet HTML 6Page - WeEn Semiconductors EC103D1 Datasheet HTML 7Page - WeEn Semiconductors EC103D1 Datasheet HTML 8Page - WeEn Semiconductors EC103D1 Datasheet HTML 9Page - WeEn Semiconductors EC103D1 Datasheet HTML 10Page - WeEn Semiconductors EC103D1 Datasheet HTML 11Page - WeEn Semiconductors EC103D1 Datasheet HTML 12Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
EC103D1
SCR
Tj (°C)
- 50
150
100
0
50
003aaa113
0.8
1.2
2.0
0
IGT
IGT(25°C)
0.4
1.6
Fig. 7. Normalized gate trigger current as a function of
junction temperature
Tj (°C)
- 50
150
100
0
50
003aaa114
0.8
1.2
2.0
0
IL
IL(25°C)
0.4
1.6
RGK = 1 kΩ
Fig. 8. Normalized latching current as a function of
junction temperature
Tj (°C)
- 50
150
100
0
50
003aaa115
0.8
1.2
2.0
0
IH
IH(25°C)
0.4
1.6
RGK = 1 kΩ
Fig. 9. Normalized holding current as a function of
junction temperature
003aaa109
VT (V)
0.4
1.6
1.2
0.8
1.0
1.5
0.5
2.0
2.5
IT
(A)
0
(1)
(2)
(3)
Vo = 0.895 V; Rs = 0.195 Ω
(1) Tj = 125 °C; typical values
(2) Tj = 125 °C; maximum values
(3) Tj = 25 °C; maximum values
Fig. 10. On-state current as a function of on-state
voltage
WeEn Semiconductors
EC103D1
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
17 August 2018
8 / 12


Número de pieza similar - EC103D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Littelfuse
EC103D1 LITTELFUSE-EC103D1 Datasheet
199Kb / 12P
   Sensitive SCRs (0.8 A to 10 A)
logo
NXP Semiconductors
EC103D1 PHILIPS-EC103D1 Datasheet
70Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
EC103D1 NXP-EC103D1 Datasheet
78Kb / 12P
   Thyristor, sensitive gate
Rev. 02-31 July 2008
logo
List of Unclassifed Man...
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
EC103D1 ETC2-EC103D1 Datasheet
205Kb / 12P
   RoHS Compliant
More results

Descripción similar - EC103D1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com