Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
FDR120F Datasheet(PDF) 1 Page - First Silicon Co., Ltd |
|
FDR120F Datasheet(HTML) 1 Page - First Silicon Co., Ltd |
1 / 3 page SEMICONDUCTOR TECHNICAL DATA FDR120F~1200F 2014. 05. 28 1/3 Revision No : 0 FE TURES * Plastic package has Under writers Laboratory Flammability Classification 94V-0 * Low power loss,high efficiency * For use in low voltage high frequency inverters, free wheeling,and polarity * Guardringfor over voltage protection * High temperature soldering guaranteed: 260℃/10 seconds at terminals Mechanical Data Case: SOD-323F molded plastic over sky die Terminals: Tin Plated, solderable per MIL-STD-750, Method 2026 Polarity: Color band denotes cathode end Mounting Position: Any We declare that the material of product is Weight: 0.011 g Haloggenfree (green epoxy compound) Handling precautin:None 1.Electrical Characteristic Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless other wise specified. Parameter Symbol symbol FDR120F Unit device marking code 12 13 14 15 16 18 110 115 120 Maximum repetitive peak reverse voltage VRRM 20 30 40 50 60 80 100 150 200 V Maximum RMS voltage VRMS 14 21 28 35 42 56 70 105 140 V Maximum DC blocking voltage VDC 20 30 40 50 60 80 100 150 200 V Maximum averageforward rectfied current atTc = 75℃ IF(AV) A Peak forward surge current 8.3ms single haf sine-wave superimposed on rated load (JEDEC Method) IFSM A Typical thermal resistance (Note 1) RθJA RθJL °C/W Operating junction temperature range TJ °C storage temperature range TSTG °C Electrical Characteristics Ratings at 25℃ ambient temperature unless other wise specified. Parameter Symbol symbol Unit Maximum instantaneousforward voltage at(IF = 0.7 A, TJ = 25℃) (IF = 1.0 A, TJ VF 0.9 0.92 V Maximum DC reverse current at rated DC blocking voltage TA=25℃ TJ =125℃ IR mA Typical junction capacitance at 4.0V, 1MHz CJ PF NOTES: 1. 8.0mm2 (.013mm thick) land areas 0.48 0.55 Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A 0.02 10 160 0.7 1.0 22 220 50 –55 to +150 –65 to +150 0.85 SOD-323F FDR130F FDR140F FDR150F FDR160F FDR180F FDR1100F FDR1200F = 25℃) FDR120F FDR130F FDR140F FDR150F FDR160F FDR180F FDR1100F FDR1150F FDR1150F FDR1200F |
Número de pieza similar - FDR120F |
|
Descripción similar - FDR120F |