Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAC97A8 Datasheet(PDF) 3 Page - WeEn Semiconductors

No. de pieza MAC97A8
Descripción Electrónicos  4Q Triac
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

MAC97A8 Datasheet(HTML) 3 Page - WeEn Semiconductors

  MAC97A8 Datasheet HTML 1Page - WeEn Semiconductors MAC97A8 Datasheet HTML 2Page - WeEn Semiconductors MAC97A8 Datasheet HTML 3Page - WeEn Semiconductors MAC97A8 Datasheet HTML 4Page - WeEn Semiconductors MAC97A8 Datasheet HTML 5Page - WeEn Semiconductors MAC97A8 Datasheet HTML 6Page - WeEn Semiconductors MAC97A8 Datasheet HTML 7Page - WeEn Semiconductors MAC97A8 Datasheet HTML 8Page - WeEn Semiconductors MAC97A8 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
WeEn Semiconductors
MAC97A8
4Q Triac
MAC97A8
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
15 September 2018
3 / 12
7. Limiting values
tsurge (S)
10-3
10
1
10-2
003aaa041
1
2
3
IT(RMS)
(A)
0
Fig. 1. RMS on-state current as a function of surge
duration; maximum values
aaa-009816
Tlead (°C)
0
150
100
50
0.4
0.2
0.6
0.8
IT(RMS)
(A)
0
Fig. 2. RMS on-state current as a function of lead
temperature; maximum values
Table 4. Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDRM
repetitive peak off-state
voltage
-
600
V
IT(RMS)
RMS on-state current
full sine wave; Tlead ≤ 50 °C; Fig. 1; Fig. 2;
Fig. 3
-
0.6
A
full sine wave; Tj(init) = 25 °C; tp = 20 ms;
Fig. 4; Fig. 5
-
8
A
ITSM
non-repetitive peak on-
state current
full sine wave; Tj(init) = 25 °C; tp = 16.7 ms
-
8.8
A
I2t
I2t for fusing
tp = 10 ms; SIN
-
0.32
A²s
IG = 20 mA; T2+ G+
-
50
A/µs
IG = 20 mA; T2+ G-
-
50
A/µs
IG = 20 mA; T2- G-
-
50
A/µs
dIT/dt
rate of rise of on-state
current
IG = 20 mA; T2- G+
-
10
A/µs
IGM
peak gate current
-
1
A
PGM
peak gate power
-
5
W
PG(AV)
average gate power
over any 20 ms period
-
0.1
W
Tstg
storage temperature
-40
150
°C
Tj
junction temperature
-
125
°C


Número de pieza similar - MAC97A8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MAC97A8 PHILIPS-MAC97A8 Datasheet
219Kb / 12P
   Logic level triac
Rev. 01-29 March 2001
logo
ON Semiconductor
MAC97A8 ONSEMI-MAC97A8 Datasheet
84Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
September, 2005 ??Rev. 9
logo
Unisonic Technologies
MAC97A8 UTC-MAC97A8 Datasheet
130Kb / 5P
   LOGIC LEVEL TRIAC
logo
Inchange Semiconductor ...
MAC97A8 ISC-MAC97A8 Datasheet
55Kb / 1P
   Triacs
logo
Tiger Electronic Co.,Lt...
MAC97A8 TGS-MAC97A8 Datasheet
99Kb / 1P
   TO-92 Plastic-Encapsulate Transistors
More results

Descripción similar - MAC97A8

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com