Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAC223A8X Datasheet(PDF) 2 Page - WeEn Semiconductors

No. de pieza MAC223A8X
Descripción Electrónicos  4Q Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

MAC223A8X Datasheet(HTML) 2 Page - WeEn Semiconductors

  MAC223A8X Datasheet HTML 1Page - WeEn Semiconductors MAC223A8X Datasheet HTML 2Page - WeEn Semiconductors MAC223A8X Datasheet HTML 3Page - WeEn Semiconductors MAC223A8X Datasheet HTML 4Page - WeEn Semiconductors MAC223A8X Datasheet HTML 5Page - WeEn Semiconductors MAC223A8X Datasheet HTML 6Page - WeEn Semiconductors MAC223A8X Datasheet HTML 7Page - WeEn Semiconductors MAC223A8X Datasheet HTML 8Page - WeEn Semiconductors MAC223A8X Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
WeEn Semiconductors
MAC223A8X
4Q Triac
MAC223A8X
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
15 September 2018
2 / 13
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VD = 12 V; IT = 0.1 A; T2- G+;
Tj = 25 °C; Fig. 7
-
23
75
mA
VD = 12 V; Tj = 25 °C; T2+; Fig. 9
-
7
30
A
IH
holding current
VD = 12 V; Tj = 25 °C; T2-; Fig. 9
-
12
30
mA
VT
on-state voltage
IT = 30 A; Tj = 25 °C; Fig. 10
-
1.3
1.55
V
Dynamic characteristics
dVD/dt
rate of rise of off-state
voltage
VDM = 536 V; Tj = 125 °C; (VDM = 67%
of VDRM); exponential waveform; gate
open circuit
100
300
-
V/µs
dVcom/dt
rate of change of
commutating voltage
VD = 400 V; Tj = 95 °C; dIcom/dt = 9 A/
ms; IT = 25 A; gate open circuit
-
10
-
V/µs
5. Pinning information
Table 2. Pinning information
Pin
Symbol Description
Simplified outline
Graphic symbol
1
T1
main terminal 1
2
T2
main terminal 2
3
G
gate
mb
n.c.
mounting base; isolated
3
2
1
mb
TO-220F (SOT186A)
sym051
T1
G
T2
6. Ordering information
Table 3. Ordering information
Package
Type number
Name
Description
Version
MAC223A8X
TO-220F
plastic single-ended package; isolated heatsink mounted; 1
mounting hole; 3-lead TO-220 "full pack"
SOT186A


Número de pieza similar - MAC223A8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MAC223A8X PHILIPS-MAC223A8X Datasheet
50Kb / 6P
   Triacs
September 2002-Rev 1.000
More results

Descripción similar - MAC223A8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com