Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAC223A8X Datasheet(PDF) 6 Page - WeEn Semiconductors

No. de pieza MAC223A8X
Descripción Electrónicos  4Q Triac
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

MAC223A8X Datasheet(HTML) 6 Page - WeEn Semiconductors

Back Button MAC223A8X Datasheet HTML 2Page - WeEn Semiconductors MAC223A8X Datasheet HTML 3Page - WeEn Semiconductors MAC223A8X Datasheet HTML 4Page - WeEn Semiconductors MAC223A8X Datasheet HTML 5Page - WeEn Semiconductors MAC223A8X Datasheet HTML 6Page - WeEn Semiconductors MAC223A8X Datasheet HTML 7Page - WeEn Semiconductors MAC223A8X Datasheet HTML 8Page - WeEn Semiconductors MAC223A8X Datasheet HTML 9Page - WeEn Semiconductors MAC223A8X Datasheet HTML 10Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
WeEn Semiconductors
MAC223A8X
4Q Triac
MAC223A8X
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
15 September 2018
6 / 13
8. Thermal characteristics
Table 5. Thermal characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
full or half cycle; without heatsink
compound; Fig. 6
-
-
5.5
K/W
Rth(j-h)
thermal resistance
from junction to
heatsink
full or half cycle; with heatsink
compound; Fig. 6
-
-
3.85
K/W
Rth(j-a)
thermal resistance
from junction to
ambient free air
in free air
-
55
-
K/W
aaa-010105
10-1
10-2
1
10
Zth(j-h)
(K/W)
10-3
tp (s)
10-5
1
10
10-1
10-2
10-4
10-3
(1)
(2)
(3)
(4)
tp
P
t
(1) Unidirectional (half cycle) without heatsink compound
(2) Unidirectional (half cycle) with heatsink compound
(3) Bidirectional (full cycle) without heatsink compound
(4) Bidirectional (full cycle) with heatsink compound
Fig. 6. Transient thermal impedance from junction to heatsink as a function of pulse duration
9. Isolation characteristics
Table 6. Isolation characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Visol(RMS)
RMS isolation voltage from all terminals to external heatsink;
sinusoidal waveform; clean and dust
free; 50 Hz ≤ f ≤ 60 Hz; RH ≤ 65 %;
Th = 25 °C
-
-
2500
V
Cisol
isolation capacitance
from main terminal 2 to external
heatsink; f = 1 MHz; Th = 25 °C
-
10
-
pF


Número de pieza similar - MAC223A8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
NXP Semiconductors
MAC223A8X PHILIPS-MAC223A8X Datasheet
50Kb / 6P
   Triacs
September 2002-Rev 1.000
More results

Descripción similar - MAC223A8X

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
DIYI Electronic Technol...
BTB06F-600T DYELEC-BTB06F-600T Datasheet
1Mb / 3P
   4Q Triac
logo
WeEn Semiconductors
BT138B-600 WEEN-BT138B-600 Datasheet
261Kb / 13P
   4Q Triac
BT138Y-800E WEEN-BT138Y-800E Datasheet
267Kb / 13P
   4Q Triac
BT139B-800G WEEN-BT139B-800G Datasheet
488Kb / 13P
   4Q Triac
BT234X-800D WEEN-BT234X-800D Datasheet
472Kb / 13P
   4Q Triac
BTA41-600B WEEN-BTA41-600B Datasheet
867Kb / 12P
   4Q Triac
BTA41-800B WEEN-BTA41-800B Datasheet
702Kb / 12P
   4Q Triac
MAC97A6 WEEN-MAC97A6 Datasheet
335Kb / 12P
   4Q Triac
MAC97A8 WEEN-MAC97A8 Datasheet
577Kb / 12P
   4Q Triac
Z0107MN0 WEEN-Z0107MN0 Datasheet
323Kb / 14P
   4Q Triac
Z0107NA0 WEEN-Z0107NA0 Datasheet
383Kb / 13P
   4Q Triac
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com