Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MCR08BT1 Datasheet(PDF) 5 Page - WeEn Semiconductors

No. de pieza MCR08BT1
Descripción Electrónicos  SCR
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  WEEN [WeEn Semiconductors]
Página de inicio  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

MCR08BT1 Datasheet(HTML) 5 Page - WeEn Semiconductors

  MCR08BT1 Datasheet HTML 1Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 2Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 3Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 4Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 5Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 6Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 7Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 8Page - WeEn Semiconductors MCR08BT1 Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
WeEn Semiconductors
MCR08BT1
SCR
MCR08BT1
All information provided in this document is subject to legal disclaimers.
© WeEn Semiconductors Co., Ltd. 2018. All rights reserved
Product data sheet
5 September 2018
5 / 14
001aac106
tp (s)
10-5
10-2
10-3
10-4
102
10
103
ITSM
(A)
1
tp
Tj initial = 25 °C max
IT
ITSM
t
tp ≤ 10 ms
Fig. 5. Non-repetitive peak on-state current as a function of pulse width for sinusoidal currents; maximum values


Número de pieza similar - MCR08BT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Motorola, Inc
MCR08BT1 MOTOROLA-MCR08BT1 Datasheet
294Kb / 6P
   SCR 0.8 AMPERE RMS 200 thru 600 Volts
logo
ON Semiconductor
MCR08BT1 ONSEMI-MCR08BT1 Datasheet
254Kb / 12P
   SENSITIVE GATE SILICON CONTROLLED RECTIFIERS
May, 2000 ??Rev. 3
MCR08BT1 ONSEMI-MCR08BT1 Datasheet
97Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
April, 2006 ??Rev. 5
logo
Kersemi Electronic Co.,...
MCR08BT1 KERSEMI-MCR08BT1 Datasheet
850Kb / 9P
   Sensitive Gate Silicon Controlled Rectifiers
logo
ON Semiconductor
MCR08BT1G ONSEMI-MCR08BT1G Datasheet
97Kb / 6P
   Sensitive Gate Silicon Controlled Rectifiers
April, 2006 ??Rev. 5
More results

Descripción similar - MCR08BT1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
International Rectifier
IRKT250-16 IRF-IRKT250-16 Datasheet
157Kb / 6P
   SCR / SCR and SCR / DIODE
logo
Vishay Siliconix
VS-VSK170PBF VISHAY-VS-VSK170PBF Datasheet
323Kb / 13P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
VS-VSKT230-16 VISHAY-VS-VSKT230-16 Datasheet
218Kb / 10P
   SCR/SCR and SCR/Diode
Revision: 17-Jul-14
logo
STMicroelectronics
TYN682 STMICROELECTRONICS-TYN682 Datasheet
59Kb / 4P
   SCR
BTW69 STMICROELECTRONICS-BTW69 Datasheet
74Kb / 5P
   SCR
logo
Unisonic Technologies
X0202-TO-92 UTC-X0202-TO-92 Datasheet
169Kb / 4P
   SCR
logo
WeEn Semiconductors
BT151-650LTN WEEN-BT151-650LTN Datasheet
373Kb / 11P
   SCR
NCR100Q-6M WEEN-NCR100Q-6M Datasheet
401Kb / 11P
   SCR
NCR100W-12M WEEN-NCR100W-12M Datasheet
225Kb / 15P
   SCR
TYN16-600CT WEEN-TYN16-600CT Datasheet
221Kb / 12P
   SCR
TYN16S-600CT WEEN-TYN16S-600CT Datasheet
330Kb / 12P
   SCR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com