Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

RT2519W Datasheet(PDF) 6 Page - Richtek Technology Corporation

No. de Pieza. RT2519W
Descripción  1A, Low Noise, Ultra High PSRR, Low-Dropout Linear Regulator
Descarga  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo 

RT2519W Datasheet(HTML) 6 Page - Richtek Technology Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
RT2519W
6
DS2519W-00 May 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Typical Application Circuit
Note 1.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device.
These are stress ratings only, and functional operation of the device at these or any other conditions beyond those
indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum rating
conditions may affect device reliability.
Note 2.
θJA is measured under natural convection (still air) at TA = 25°C with the component mounted on a high effective-
thermal-conductivity four-layer test board on a JEDEC 51-7 thermal measurement standard.
θJC is measured at the
exposed pad of the package.
Note 3.
Devices are ESD sensitive. Handling precaution is recommended.
Note 4.
The device is not guaranteed to function outside its operating conditions.
Note 5.
The spec. doesn't cover the tolerances from external resistors, and which is not tested at condition of VOUT = 0.8V, 4.5V
≤ VIN ≤ 6V, and 750mA ≤ IOUT ≤ 1A since the power dissipation of the device is totally higher than the maximum rating
of the package to lead a thermal shutdown issue.
EN
FB
VOUT
RT2519W
GND
VIN
VIN
4.7µF
VOUT
1µF
COUT
R1
R2
1, 2
3
CIN
7, 8
5
4
Enable
2.2V to 6V
10nF
CNR
NR
6
Note : All input and output capacitance in the suggested parameter mean the effective capacitance. The effective
capacitance needs to consider any De-rating Effect like DC bias.


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn