Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RTQ2532W Datasheet(PDF) 19 Page - Richtek Technology Corporation

No. de pieza RTQ2532W
Descripción Electrónicos  2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  RICHTEK [Richtek Technology Corporation]
Página de inicio  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RTQ2532W Datasheet(HTML) 19 Page - Richtek Technology Corporation

Back Button RTQ2532W Datasheet HTML 12Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 13Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 14Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 15Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 16Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 17Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 18Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 19Page - Richtek Technology Corporation RTQ2532W Datasheet HTML 20Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
RTQ2532W
19
DSQ2532W-00 July 2019
www.richtek.com
©
Copyright 2019 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Outline Dimension
V-Type 20L QFN 5x5 Package
Min.
Max.
Min.
Max.
A
0.800
1.000
0.031
0.039
A1
0.000
0.050
0.000
0.002
A3
0.175
0.250
0.007
0.010
b
0.250
0.350
0.010
0.014
D
4.950
5.050
0.195
0.199
D2
3.100
3.200
0.122
0.126
E
4.950
5.050
0.195
0.199
E2
3.100
3.200
0.122
0.126
e
L
0.500
0.600
0.020
0.024
Symbol
Dimensions In Millimeters
Dimensions In Inches
0.650
0.026
Note : The configuration of the Pin #1 identifier is optional,
but must be located within the zone indicated.
DETAIL A
Pin #1 ID and Tie Bar Mark Options
1
1
2
2


Número de pieza similar - RTQ2532W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RTQ2531A RICHTEK-RTQ2531A Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2531AGQW RICHTEK-RTQ2531AGQW Datasheet
845Kb / 17P
   500mA, 5.5V, Low Noise Low Dropout Regulator
October 2022
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2533WGQV RICHTEK-RTQ2533WGQV Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2536-QA RICHTEK-RTQ2536-QA Datasheet
211Kb / 11P
   DDR Termination Regulator
More results

Descripción similar - RTQ2532W

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Richtek Technology Corp...
RTQ2502A RICHTEK-RTQ2502A Datasheet
527Kb / 19P
   2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2521A RICHTEK-RTQ2521A Datasheet
520Kb / 17P
   1.5A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
October 2019
RTQ2533W RICHTEK-RTQ2533W Datasheet
511Kb / 19P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2513T RICHTEK-RTQ2513T Datasheet
437Kb / 18P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
August 2020
RTQ2521 RICHTEK-RTQ2521 Datasheet
469Kb / 17P
   1.2A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
May 2019
RTQ2503S RICHTEK-RTQ2503S Datasheet
752Kb / 20P
   3A, 6.5V, Ultra Low Noise, Ultra Low Dropout Linear Regulator
RTQ2539A RICHTEK-RTQ2539A Datasheet
683Kb / 22P
   3A, 6.5V, Ultra-Low Noise, Ultra-Low Dropout Linear Regulator
September 2022
logo
uPI Group Inc.
UP8809 UPI-UP8809 Datasheet
199Kb / 14P
   2A Ultra Low Dropout Linear Regulator
logo
Fitipower Integrated Te...
FP6145B FITIPOWER-FP6145B Datasheet
641Kb / 10P
   2A Ultra Low Dropout Linear Regulator
logo
Unisonic Technologies
LR18220 UTC-LR18220 Datasheet
200Kb / 4P
   2A ULTRA LOW DROPOUT LINEAR REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com