Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM2028-12 Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

No. de Pieza. LM2028-12
Descripción  LCD Module User Manual
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Página de inicio  https://www.topwaydisplay.com
Logo 

LM2028-12 Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-12
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-12-Manual-Rev0.1.DOC
Page: 4 of 9
1.4
Terminal Functions(FFC)
Pin No.
K5
Pin
Name
I/O
Descriptions
1
FLM
Input
First Line Marker
2
LP
Input
Line Pulse signal,
for latching the segment buffer to the segment driver
3
CP
Input
Clock Pulse signal,
for shifting the data (D0~D3) into the segment buffer
4
M
Input
Controlling signal for the LCD AC driving
5
V0
Input
LCD contrast setting reference
6
VDD
Power
Positive Power Supply
7
VSS
Power
0V Power Supply, Ground
8
VEE
Power
Negative Power Supply for Driving LCD
9
D0
Input
Display Data
10
D1
Input
Display Data
11
D2
Input
Display Data
12
D3
Input
Display Data
13
/DISPOFF
Input
Display ON/OFF control signal,
/DISPOFF = 0, display off
/DISPOFF = 1, display on
14
NC
-
No Connection, keep open
BLA&BLK are not on FFC terminal
1.5
Backlight Termianl
Pin No.
K6
Pin
Name
I/O
Descriptions
15
BLA
Power
LED Backlight Positive Supply
16
BLK
Power
LED Backlight Negative Supply


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn