Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM2028-12 Datasheet(PDF) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

No. de Pieza. LM2028-12
Descripción  LCD Module User Manual
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Página de inicio  https://www.topwaydisplay.com
Logo 

LM2028-12 Datasheet(HTML) 5 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-12
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-12-Manual-Rev0.1.DOC
Page: 5 of 9
2. Absolute Maximum Ratings
Items
Symbol
Min.
Max.
Unit
Condition
Supply Voltage
VDD
-0.3
+6.0
V
VSS = 0V
Input Voltage
VIN
VSS-0.3
VDD+0.3
V
VSS = 0V
LCD Driving Voltage
VDD-VEE
VSS
30
V
VSS = 0V
Operating Temperature
TOP
0
50
°C
No Condensation
Storage Temperature
TST
-20
70
°C
No Condensation
Cautions:
Any Stresses exceeding the Absolute Maximum Ratings may cause substantial damage to the device. Functional operation of this
device at other conditions beyond those listed in the specification is not implied and prolonged exposure to extreme conditions may
affect device reliability.
3. Electrical Characteristics
3.1
DC Characteristics
VSS=0V, VDD =5.0V, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Operating Voltage
VDD
3.0
-
5.5
V
VDD
LCD Driving Voltage
VDD-VEE
25
-
28
V
VEE
Input High Voltage
VIN
0.8xVDD
-
VDD
V
D0~D3, CP, LP, FLM, M
/DISPOFF
Input Low Voltage
VIN
0
-
0.2x VDD
V
D0~D3, CP, LP, FLM, M
/DISPOFF
Operating Current
IDD
-
3.5
13.0
mA
VDD
3.2
LED Backlight Circuit Characteristics
BLK=0V, IfBLA=272mA, TOP =25°C
Items
Symbol
MIN.
TYP.
MAX.
Unit
Applicable Pin
Forward Voltage
VfBLA
-
3.7
-
V
BLA, BLK
Forward Current
IfBLA
-
-
320
mA
BLA, BLK
BLK
BLA
No. of LED = 16pcs


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn