Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

LM2028-12 Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

No. de Pieza. LM2028-12
Descripción  LCD Module User Manual
Descarga  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Página de inicio  https://www.topwaydisplay.com
Logo 

LM2028-12 Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
TOPWAY
LCD Module User Manual
LM2028-12
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2028-12-Manual-Rev0.1.DOC
Page: 3 of 9
1. Basic Specifications
1.1
Display Specifications
1) LCD Display Mode
: STN, Negative, Transmissive
2) Display Color
: Display Data = “1” : Light Gray (*1)
: Display Data = “0” : Deep Blue (*2)
3) Viewing Angle
: 6 H
4) Driving Method
: 1/240 duty, 1/17 bias
5) Backlight
: White LED backlight
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.2
Mechanical Specifications
1) Outline Dimension
: 166.0 x 109.0 x 12.2MAX(Exclude FFC terminal)
see attached Outline Drawing for details
1.3
Block Diagram
320 x 240 pixels
LCD Panel
S6B2086X
or equivalent
/DISPOFF
D0~D3
M
CP
LP
S6B2086X
or equivalent
S6B2086X
or equivalent
S6B2086X
or equivalent
COM1
:
COM80
COM81
:
COM160
COM161
:
COM240
Power Circuit
BLK
BLA
FLM
VSS
VDD
V0
VEE


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn