Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

LM2068R Datasheet(PDF) 11 Page - Shenzhen TOPWAY Technology Co., Ltd

No. de pieza LM2068R
Descripción Electrónicos  LCD Module User Manual
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Página de inicio  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2068R Datasheet(HTML) 11 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM2068R Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM2068R Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TOPWAY
LCD Module User Manual
LM2068R
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2068R-Manual-Rev0.2.DOC
Page: 11 of 12
4.6
Initialization Setting Example
The following setting should be issue to LCD module after hardware reset.
(It is a basic example only; it could be adjusted if necessary.)
Register
Add
Register
Name
Value
(binary)
Value
(hex)
Note
00h
WLCR
1100 1101
CD
Power Mode = Normal Mode
Software Reset = Normal Operation
Display mode = Character Mode
Display on off control = normal display
Full screen blinking control = normal (no blinking)
Full screen inverse = normal (no inverse)
10h
WCCR
0010 1001
29
Auto-increase Cursor Position (in reading DDRAM operation) = disable
Chinese/English char alignment = disable
Store Current Data to DDRAM = directly
Set Bold font (char mode only) = normal
Auto-increase Cursor Position (in writing DDRAM operation) = enable
Cursor display control = off
Cursor blink control = no blinking
Set cursor width = auto adjust
11h
DWLR
0001 0000
10
Cursor Height = 1
Line Distance = 0
20h
AWRR
0010 0111
27
Active Window Right Register = 17
21h
DWRR
0010 0111
27
Display Window Right Register = 17
30h
AWBR
1110 1111
EF
Active Window Bottom Register = 7F
31h
DWBR
1110 1111
EF
Display Window Bottom Register = EF
40h
AWLR
0000 0000
00
Active Window Left Register = 00
41h
DWLR
0000 0000
00
Display Window Left Register = 00
50h
AWTR
0000 0000
00
Active Window Top Register = 00
51h
DWTR
0000 0000
00
Display Window Top Register = 00
81h
FRCA
0100 0000
40
Frame Rate Polarity Change at Common_A Register
90h
SCCR
0000 0100
04
Shift Clock Control Register (set to ~61Hz, when system clock=3MHz)
A0h
INTR
0000 1000
08
Enable the BUSY output with Key Scan Interrupt output
F0h
FNCR
1010 0000
A0
External Char ROM = enable
ROM BANK Selection = upper 256k ROM
Font ROM Translate = GB
Fill Data to DDRAM = no action
Font ROM range select = auto
ASCII Block Selection = map to ASCII block 0
Note:
Others un-mentioned register are using its hardware reset default value.


Número de pieza similar - LM2068R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen TOPWAY Technol...
LM2068R-1 TOPWAY-LM2068R-1 Datasheet
470Kb / 12P
   LCD Module User Manual
LM2068R-3 TOPWAY-LM2068R-3 Datasheet
535Kb / 12P
   LCD Module User Manual
LM2068R-3 TOPWAY-LM2068R-3 Datasheet
778Kb / 12P
   LCD Module User Manual
LM2068R-3 TOPWAY-LM2068R-3_V01 Datasheet
778Kb / 12P
   LCD Module User Manual
LM2068R-4 TOPWAY-LM2068R-4 Datasheet
558Kb / 12P
   LCD Module User Manual
More results

Descripción similar - LM2068R

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Shenzhen TOPWAY Technol...
LMT035DNAFWU-NBN TOPWAY-LMT035DNAFWU-NBN Datasheet
763Kb / 18P
   LCD Module User Manual
LMT035KDH03 TOPWAY-LMT035KDH03 Datasheet
2Mb / 23P
   LCD Module User Manual
LMT035KDH03-NFA TOPWAY-LMT035KDH03-NFA Datasheet
2Mb / 17P
   LCD Module User Manual
LMT035KDH03-NFN TOPWAY-LMT035KDH03-NFN Datasheet
905Kb / 16P
   LCD Module User Manual
LMT070DICFWD-NNA TOPWAY-LMT070DICFWD-NNA Datasheet
1Mb / 14P
   LCD Module User Manual
LMT070DICFWD-NFA TOPWAY-LMT070DICFWD-NFA Datasheet
666Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NDN-2 TOPWAY-LMT070DICFWD-NDN-2 Datasheet
891Kb / 9P
   LCD Module User Manual
LMT070DICFWD-NAA TOPWAY-LMT070DICFWD-NAA Datasheet
740Kb / 11P
   LCD Module User Manual
LMK050DICFWD-AKA TOPWAY-LMK050DICFWD-AKA Datasheet
704Kb / 10P
   LCD Module User Manual
LMT043DNFFWD-NCN TOPWAY-LMT043DNFFWD-NCN Datasheet
886Kb / 12P
   LCD Module User Manual
LMT070DDCFWD-4 TOPWAY-LMT070DDCFWD-4 Datasheet
1,004Kb / 11P
   LCD Module User Manual
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com