Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

S-19214 Datasheet(PDF) 30 Page - ABLIC Inc.

No. de pieza S-19214
Descripción Electrónicos  AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ABLIC [ABLIC Inc.]
Página de inicio  https://www.ablic.com
Logo ABLIC - ABLIC Inc.

S-19214 Datasheet(HTML) 30 Page - ABLIC Inc.

Back Button S-19214 Datasheet HTML 26Page - ABLIC Inc. S-19214 Datasheet HTML 27Page - ABLIC Inc. S-19214 Datasheet HTML 28Page - ABLIC Inc. S-19214 Datasheet HTML 29Page - ABLIC Inc. S-19214 Datasheet HTML 30Page - ABLIC Inc. S-19214 Datasheet HTML 31Page - ABLIC Inc. S-19214 Datasheet HTML 32Page - ABLIC Inc. S-19214 Datasheet HTML 33Page - ABLIC Inc. S-19214 Datasheet HTML 34Page - ABLIC Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 46 page
background image
AUTOMOTIVE, 125°C OPERATION, 36 V INPUT, 1000 mA VOLTAGE REGULATOR
S-19214 Series
Rev.1.1_00
30
Reference Data
1. Characteristics of input transient response (Ta =
+25°C)
1. 1 VOUT = 1.8 V
IOUT = 100 mA, CL = 4.7
μF, VIN = 11.5 V ↔ 13.5 V, tr = tf = 5.0 μs
1. 2 VOUT = 5.0 V
IOUT = 100 mA, CL = 4.7
μF, VIN = 11.5 V ↔ 13.5 V, tr = tf = 5.0 μs
t [
μs]
2.40
15.0
5.0
1400
−200
1.40
1200
1000
800
600
400
200
0
13.0
11.0
9.0
7.0
2.20
2.00
1.80
1.60
VIN
VOUT
t [
μs]
5.60
15.0
5.0
1400
−200
4.60
1200
1000
800
600
400
200
0
13.0
11.0
9.0
7.0
5.40
5.20
5.00
4.80
VIN
VOUT
1. 3 VOUT = 12.0 V
IOUT = 100 mA, CL = 4.7
μF, VIN = 13.5 V ↔ 15.5 V, tr = tf = 5.0 μs
12.70
16.0
11.0
11.70
15.0
14.0
13.0
12.0
12.50
12.30
12.10
11.90
t [
μs]
VIN
VOUT
2. Characteristics of load transient response (Ta =
+25°C)
2. 1 VOUT = 1.8 V
VIN = 2.8 V, CIN = CL = 4.7
μF, IOUT = 50 mA ↔ 100 mA
2. 2 VOUT = 5.0 V
VIN = 6.0 V, CIN = CL = 4.7
μF, IOUT = 50 mA ↔ 100 mA
t [ms]
2.30
200
−150
2.0
−0.2
1.60
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
150
100
50
0
−50
−100
2.20
2.10
2.00
1.90
1.80
1.70
IOUT
VOUT
t [ms]
5.40
150
−150
2.0
−0.2
4.80
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
50
0
−50
−100
5.30
5.20
5.10
5.00
4.90
IOUT
VOUT
2. 3 VOUT = 12.0 V
VIN = 13.5 V, CIN = CL = 4.7
μF, IOUT = 50 mA ↔ 100 mA
t [ms]
12.40
150
−150
2.2
−0.2
11.80
2.0
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
0
100
50
0
−50
−100
12.30
12.20
12.10
12.00
11.90
IOUT
VOUT


Número de pieza similar - S-19214

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
S-19212B25A-E6T1U SII-S-19212B25A-E6T1U Datasheet
3Mb / 58P
   FOR AUTOMOTIVE OPERATION HIGH-WITHSTAND VOLTAGE LOW DROPOUT CMOS VOLTAGE REGULATOR
logo
ABLIC Inc.
S-19212B25A-E6T1U ABLIC-S-19212B25A-E6T1U Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
logo
Seiko Instruments Inc
S-19212B25A-E8T1U SII-S-19212B25A-E8T1U Datasheet
3Mb / 58P
   CMOS VOLTAGE REGULATOR
More results

Descripción similar - S-19214

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ABLIC Inc.
S-19213 ABLIC-S-19213 Datasheet
771Kb / 46P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 500 mA VOLTAGE REGULATOR
Rev.1.1_00
S-19212B ABLIC-S-19212B Datasheet
960Kb / 60P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.5.3_00
S-19312 ABLIC-S-19312 Datasheet
641Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19311 ABLIC-S-19311 Datasheet
647Kb / 38P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA VOLTAGE REGULATOR www.ablic.com WITH RESET FUNCTION
Rev.1.3_00
S-19244XXXA ABLIC-S-19244XXXA Datasheet
1Mb / 68P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 1000 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-19500 ABLIC-S-19500 Datasheet
692Kb / 47P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 200 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.5_00
S-19502 ABLIC-S-19502 Datasheet
787Kb / 54P
   AUTOMOTIVE, 125째C OPERATION, 36 V INPUT, 400 mA, BUILT-IN WATCHDOG TIMER VOLTAGE REGULATOR WITH RESET FUNCTION
Rev.1.1_00
S-19243XXXA ABLIC-S-19243XXXA Datasheet
1Mb / 74P
   AUTOMOTIVE, 125째C OPERATION, 10 V INPUT, 500 mA VOLTAGE REGULATOR WITH SOFT-START FUNCTION
Rev.3.2_00
S-1212B ABLIC-S-1212B Datasheet
1Mb / 60P
   105°C OPERATION, 36 V INPUT, 250 mA VOLTAGE REGULATOR
Rev.3.1_00
S-19251 ABLIC-S-19251 Datasheet
908Kb / 41P
   AUTOMOTIVE, 105째C OPERATION, 5.5 V INPUT, 150 mA VOLTAGE REGULATOR
Rev.1.1_01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com