Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW31SN900SQ2 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd. |
|
DLW31SN900SQ2 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd. |
3 / 18 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 !Impedance Map 1000 100 10 For Standard BLMppA/T For High Speed Signal BLMppB For Digital Interface BLMppR For Large Current BLMppP ( )=Rated Current GHz Range Noise Suppression Type BLM18H/E/G 10 0603 1005 1608 2012 1005 1608 2012 1608 2012 1608 2012 3216 4516 1608 0201 mm EIA Code 0402 0603 0805 0402 0603 0805 0603 0805 0603 0805 1206 1806 0603 70 120 240 10 70 120 220 600 1000 120 150 220 330 600 470 1000 120 150 220 330 600 1000 2500 2200 1800 1800 1500 1000 600 470 420 330 220 150 140 120 75 60 47 22 10 5 2700 2250 2200 1800 1800 1500 1000 750 600 470 420 330 220 200 150 120 75 60 5 600 470 220 120 1000 600 470 220 120 1000 180 (1.5A) 120 (2A) 60 (0.5A) 33 (3A) 30 (1A) 10 (1A) 220 (2A) 330 (1.5A) 60 (3A) 22 (6A) 30 (3A) 600 (1.5A) 1000 (1.5A) 1000 600 470 390 330 220 120 100 GHz Range Noise Suppression Type BLM15H/E 1005 0402 1000 600 220 120 470 (2A) 180 (3A) 80 (1A) 75 (3A) 60 (6A) 390 (2A) 120 (3A) 50 (3A) 33 (6A) 600 470 220 75 120 47 22 10 5 470 400 1000 1005 0402 15 Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. !Note C31E12.pdf 04.8.30 |
Número de pieza similar - DLW31SN900SQ2 |
|
Descripción similar - DLW31SN900SQ2 |