Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BSN152SQ2 Datasheet(PDF) 6 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSN152SQ2 Datasheet(HTML) 6 Page - Murata Manufacturing Co., Ltd. |
6 / 18 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 Continued from the preceding page. 0805 1206 1806 For High Speed Signal (Sharp impedance characteristics) For Digital Interface For Large Current For Large Current For Large Current 5 ±25% 60 ±25% 75 ±25% 120 ±25% 150 ±25% 200 ±25% 220 ±25% 330 ±25% 420 ±25% 470 ±25% 600 ±25% 750 ±25% 1000 ±25% 1500 ±25% 1800 ±25% 2250 (Typ.) 2200 ±25% 2700 ±25% 120 ±25% 220 ±25% 470 ±25% 600 ±25% 1000 ±25% 22 ±25% 30 (Typ.) 60 ±25% 220 ±25% 330 ±25% 33 ±25% 50 (Typ.) 120 ±25% 390 ±25% 600 ±25% 60 (Typ.) 75 (Typ.) 180 ±25% 470 ±25% 1000 ±25% 500 200 200 6000* 3000* 2000* 1500* 6000* 3000* 2000* 1500* 6000* 3000* 3000* 2000* 1500* BLM21BB050SN1 BLM21BB600SN1 BLM21BB750SN1 BLM21BB121SN1 BLM21BD121SN1 BLM21BB151SN1 BLM21BD151SN1 BLM21BB201SN1 BLM21BB221SN1 BLM21BD221SN1 BLM21BB331SN1 BLM21BD331SN1 BLM21BD421SN1 BLM21BB471SN1 BLM21BD471SN1 BLM21BD601SN1 BLM21BD751SN1 BLM21BD102SN1 BLM21BD152SN1 BLM21BD182SN1 BLM21BD222SN1 BLM21BD222TN1 BLM21BD272SN1 BLM21RK121SN1 BLM21RK221SN1 BLM21RK471SN1 BLM21RK601SN1 BLM21RK102SN1 BLM21PG220SN1 BLM21PG300SN1 BLM21PG600SN1 BLM21PG221SN1 BLM21PG331SN1 BLM31PG330SN1 BLM31PG500SN1 BLM31PG121SN1 BLM31PG391SN1 BLM31PG601SN1 BLM41PG600SN1 BLM41PG750SN1 BLM41PG181SN1 BLM41PG471SN1 BLM41PG102SN1 Type Size (inches) Impedance ( Ω) at 100MHz - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - - at 1GHz Rated Current (mA) Part Number * Please see P.53 "Derating of Rated Current". 18 Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. !Note C31E12.pdf 04.8.30 |
Número de pieza similar - DLW5BSN152SQ2 |
|
Descripción similar - DLW5BSN152SQ2 |
|
|
Enlace URL |
Política de Privacidad |
ALLDATASHEET.ES |
¿ALLDATASHEET es útil para Ud.? [ DONATE ] |
Todo acerca de Alldatasheet | Publicidad | Contáctenos | Política de Privacidad | Intercambio de Enlaces | Lista de Fabricantes All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |