Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DLW5BSN351SQ2 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd. |
|
DLW5BSN351SQ2 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd. |
4 / 18 page !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. 1 !BLM Series * Please see P.58 "Derating of Rated Current". Continued on the following page. Type Size (EIA Code) 0402 0603 For Standard For High Speed Signal (Sharp impedance characteristics) For Large Current For Standard For High Speed Signal (Sharp impedance characteristics) Impedance ( Ω) at 100MHz at 1GHz 10 (Typ.) 70 (Typ.) 120 ±25% 220 ±25% 600 ±25% 1000 ±25% 600 ±25% 1000 ±25% 5 ±25% 10 ±25% 22 ±25% 47 ±25% 75 ±25% 120 ±25% 220 ±25% 75 ±25% 120 ±25% 220 ±25% 470 ±25% 600 ±25% 1000 ±25% 1800 ±25% 10 (Typ.) 600 ±25% 1000 ±25% 600 ±25% 1000 ±25% 1800 ±25% 120 ±25% 220 ±25% 120 ±25% 150 ±25% 220 ±25% 330 ±25% 470 ±25% 600 ±25% 1000 ±25% 5 ±25% 10 ±25% 22 ±25% 47 ±25% 60 ±25% 75 ±25% 120 ±25% 140 ±25% - - - - - - 140 (Typ.) 300 (Typ.) - - - - - - - - - - - - - - - 1000 ±40% 1400 ±40% 1400 ±40% 2000 ±40% 2700 ±40% 145 (Typ.) 270 (Typ.) - - - - - - - - - - - - - - - - - - - - - - Rated Current (mA) 1000 500 300 200 300 200 500 300 200 300 200 100 1000 300 250 300 250 200 1500* 700* 200 100 500 700 500 300 500 200 300 200 200 Part Number BLM15AG100SN1 BLM15AG700SN1 BLM15AG121SN1 BLM15AG221SN1 BLM15AG601SN1 BLM15AG102SN1 BLM15AG601AN1 BLM15AG102AN1 BLM15BB050SN1 BLM15BB100SN1 BLM15BB220SN1 BLM15BB470SN1 BLM15BB750SN1 BLM15BB121SN1 BLM15BB221SN1 BLM15BD750SN1 BLM15BD121SN1 BLM15BD221SN1 BLM15BD471SN1 BLM15BD601SN1 BLM15BD102SN1 BLM15BD182SN1 BLM15PG100SN1 BLM15HG601SN1 BLM15HG102SN1 BLM15HD601SN1 BLM15HD102SN1 BLM15HD182SN1 BLM15EG121SN1 BLM15EG221SN1 BLM18AG121SN1 BLM18AG151SN1 BLM18AG221SN1 BLM18AG331SN1 BLM18AG471SN1 BLM18AG601SN1 BLM18AG102SN1 BLM18BA050SN1 BLM18BB050SN1 BLM18BA100SN1 BLM18BB100SN1 BLM18BA220SN1 BLM18BB220SN1 BLM18BA470SN1 BLM18BB470SN1 BLM18BB600SN1 BLM18BA750SN1 BLM18BB750SN1 BLM18BA121SN1 BLM18BB121SN1 BLM18BD121SN1 BLM18BB141SN1 0201 For Standard 10 (Typ.) 70 (Typ.) 120 ±25% 240 ±25% - - - - 500 200 200 100 BLM03AG100SN1 BLM03AG700SN1 BLM03AG121SN1 BLM03AG241SN1 GHz Range For Standard For High Speed Signal For Standard (Low DC Resistance Type) 16 Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc. This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering. !Note C31E12.pdf 04.8.30 |
Número de pieza similar - DLW5BSN351SQ2 |
|
Descripción similar - DLW5BSN351SQ2 |