Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TPS3828-50QDBVRQ1 Datasheet(PDF) 11 Page - Texas Instruments

No. de pieza TPS3828-50QDBVRQ1
Descripción Electrónicos  PROCESSOR SUPERVISORY CIRCUITS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TPS3828-50QDBVRQ1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS3828-50QDBVRQ1 Datasheet HTML 5Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 6Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 7Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 8Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 9Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 10Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 11Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 12Page - Texas Instruments TPS3828-50QDBVRQ1 Datasheet HTML 13Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
PACKAGING INFORMATION
Orderable Device
Status
(1)
Package
Type
Package
Drawing
Pins Package
Qty
Eco Plan
(2)
Lead/Ball Finish
MSL Peak Temp
(3)
TPS3820-33QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3820-50QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3823-25QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3823-30QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3823-33QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3823-50QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3824-25QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3824-30QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3824-33QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3824-50QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3825-33QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3825-50QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3828-33QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
TPS3828-50QDBVRQ1
ACTIVE
SOT-23
DBV
5
3000
None
Call TI
Level-1-220C-UNLIM
(1) The marketing status values are defined as follows:
ACTIVE: Product device recommended for new designs.
LIFEBUY: TI has announced that the device will be discontinued, and a lifetime-buy period is in effect.
NRND: Not recommended for new designs. Device is in production to support existing customers, but TI does not recommend using this part in
a new design.
PREVIEW: Device has been announced but is not in production. Samples may or may not be available.
OBSOLETE: TI has discontinued the production of the device.
(2) Eco Plan - May not be currently available - please check http://www.ti.com/productcontent for the latest availability information and additional
product content details.
None: Not yet available Lead (Pb-Free).
Pb-Free (RoHS): TI's terms "Lead-Free" or "Pb-Free" mean semiconductor products that are compatible with the current RoHS requirements
for all 6 substances, including the requirement that lead not exceed 0.1% by weight in homogeneous materials. Where designed to be soldered
at high temperatures, TI Pb-Free products are suitable for use in specified lead-free processes.
Green (RoHS & no Sb/Br): TI defines "Green" to mean "Pb-Free" and in addition, uses package materials that do not contain halogens,
including bromine (Br) or antimony (Sb) above 0.1% of total product weight.
(3) MSL, Peak Temp. -- The Moisture Sensitivity Level rating according to the JEDECindustry standard classifications, and peak solder
temperature.
Important Information and Disclaimer:The information provided on this page represents TI's knowledge and belief as of the date that it is
provided. TI bases its knowledge and belief on information provided by third parties, and makes no representation or warranty as to the
accuracy of such information. Efforts are underway to better integrate information from third parties. TI has taken and continues to take
reasonable steps to provide representative and accurate information but may not have conducted destructive testing or chemical analysis on
incoming materials and chemicals. TI and TI suppliers consider certain information to be proprietary, and thus CAS numbers and other limited
information may not be available for release.
In no event shall TI's liability arising out of such information exceed the total purchase price of the TI part(s) at issue in this document sold by TI
to Customer on an annual basis.
PACKAGE OPTION ADDENDUM
www.ti.com
25-Feb-2005
Addendum-Page 1


Número de pieza similar - TPS3828-50QDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3828-50QDBVRQ1 TI1-TPS3828-50QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3828-50QDBVRQ1 TI1-TPS3828-50QDBVRQ1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
More results

Descripción similar - TPS3828-50QDBVRQ1

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TPS3820-XX TI-TPS3820-XX_08 Datasheet
384Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
logo
Diodes Incorporated
APX823 DIODES-APX823 Datasheet
173Kb / 12P
   PROCESSOR SUPERVISORY CIRCUITS
logo
Texas Instruments
TPS3820- TI-TPS3820- Datasheet
217Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33DBVR TI1-TPS3820-33DBVR Datasheet
837Kb / 20P
[Old version datasheet]   Processor Supervisory Circuits
TPS3820-33-Q1 TI1-TPS3820-33-Q1 Datasheet
280Kb / 15P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-XX TI-TPS3820-XX Datasheet
295Kb / 17P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33 TI1-TPS3820-33 Datasheet
635Kb / 20P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
TPS3820-33QDBVRQ1 TI1-TPS3820-33QDBVRQ1 Datasheet
236Kb / 14P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS
JUNE 2008
TPS3813J25 TI-TPS3813J25 Datasheet
191Kb / 12P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
TPS3813K33-EP TI1-TPS3813K33-EP Datasheet
452Kb / 16P
[Old version datasheet]   PROCESSOR SUPERVISORY CIRCUITS WITH WINDOW-WATCHDOG
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com