Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

DLP31DN900ML4 Datasheet(PDF) 18 Page - Murata Manufacturing Co., Ltd.

No. de pieza DLP31DN900ML4
Descripción Electrónicos  On-Board Type (DC) EMI Suppression Filters
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

DLP31DN900ML4 Datasheet(HTML) 18 Page - Murata Manufacturing Co., Ltd.

Back Button DLP31DN900ML4 Datasheet HTML 10Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 11Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 12Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 13Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 14Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 15Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 16Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 17Page - Murata Manufacturing Co., Ltd. DLP31DN900ML4 Datasheet HTML 18Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 18 / 18 page
background image
Continued from the preceding page.
Chip EMI Suppression Filter Design Kits
oEKEMNFMCA
NFM18CC220U1C3
NFM18CC470U1C3
NFM18CC101R1C3
NFM18CC221R1C3
NFM18CC471R1C3
NFM18CC102R1C3
NFM18CC222R1C3
1
2
3
4
5
6
7
400mA
400mA
500mA
500mA
500mA
600mA
700mA
1000
1000
1000
1000
1000
1000
1000
16 V
16 V
16 V
16 V
16 V
16 V
16 V
22pF
±20%
47pF
±20%
100pF
±20%
220pF
±20%
470pF
±20%
1000pF
±20%
2200pF
±20%
20
20
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
NFM18CC223R1C3
NFM21CC220U1H3
NFM21CC470U1H3
NFM21CC101U1H3
NFM21CC221R1H3
NFM21CC471R1H3
NFM21CC102R1H3
NFM21CC222R1H3
NFM21CC223R1H3
8
9
10
11
12
13
14
15
16
1000mA
700mA
700mA
700mA
700mA
1000mA
1000mA
1000mA
2000mA
1000
1000
1000
1000
1000
1000
1000
1000
1000
16 V
50 V
50 V
50 V
50 V
50 V
50 V
50 V
50 V
22000pF
±20%
22pF
±20%
47pF
±20%
100pF
±20%
220pF
±20%
470pF
±20%
1000pF
±20%
2200pF
±20%
22000pF
±20%
20
20
20
20
20
20
20
20
20
NFM21PC105B1C3
NFE31PT152Z1E9
NFE31PT222Z1E9
NFE61PT102E1H9
NFE61PT472C1H9
NFM41PC204F1H3
NFM41PC155B1E3
7
8
9
10
11
12
13
4A
6A
6A
2A
2A
2A
6A
500
1000
1000
1000
1000
1000
300
16 V
25 V
25 V
50 V
50 V
50 V
25 V
1
µF±20%
1500pF +50/-20%
2200pF
±50%
1000pF +80/-20%
4700pF +80/-20%
0.2
µF +80/-20%
1.5
µF±20%
20
20
20
20
20
20
20
Part Number
No.
Rated Current
Insulation Resistance (M
Ω min.)
Rated Voltage
Capacitance
Quantity (pcs.)
5
Chip EMI Suppression Filter Design Kits
172
5
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Número de pieza similar - DLP31DN900ML4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Murata Manufacturing Co...
DLP31DN900ML4 MURATA-DLP31DN900ML4 Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP31DN900ML4 MURATA1-DLP31DN900ML4 Datasheet
332Kb / 3P
   DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLP31DN900ML4B MURATA-DLP31DN900ML4B Datasheet
46Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP31D Series (1206 Size)
logo
Murata Manufacturing Co...
DLP31DN900ML4B MURATA1-DLP31DN900ML4B Datasheet
332Kb / 3P
   DLP31D series is chip common mode choke coil array which realizes high coupling and high impedance in a small size with ferrite material technology and thin film processing technology.
Last updated07/26/2022
logo
Murata Manufacturing Co...
DLP31DN900ML4L MURATA-DLP31DN900ML4L Datasheet
46Kb / 2P
   Common Mode Choke Coil Film Type (Array) DLP31D Series (1206 Size)
More results

Descripción similar - DLP31DN900ML4

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
BL01RN ETC1-BL01RN Datasheet
2Mb / 163P
   On-Board Type (DC) EMI Suppression Filters
logo
Murata Manufacturing Co...
DSN9 MURATA-DSN9 Datasheet
357Kb / 3P
   On-Board Type (DC) EMI Suppression Filters
NFL18ST MURATA-NFL18ST Datasheet
63Kb / 3P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM18C MURATA-NFM18C Datasheet
79Kb / 4P
   On-Board Type (DC) EMI Suppression Filters (EMIFIL)
NFM21HC104R1A3D MURATA-NFM21HC104R1A3D Datasheet
6Mb / 93P
   On-Board Type EMI Suppression Filters (EMIFILr) for Automotive
BLM15AG601SH1D MURATA-BLM15AG601SH1D Datasheet
2Mb / 88P
   EMI Suppression Filters
logo
Murata Manufacturing Co...
DLP11SA900HL2 MURATA1-DLP11SA900HL2 Datasheet
368Kb / 3P
   EMI Suppression Filters
10/18/2022
logo
Murata Manufacturing Co...
DLW5BSN302SQ2L MURATA-DLW5BSN302SQ2L Datasheet
1Mb / 40P
   SMD/BLOCK Type EMI Suppression Filters
BLM18G MURATA-BLM18G Datasheet
2Mb / 88P
   SMD/BLOCK Type EMI Suppression Filters
BLM21AJ601SH1D MURATA-BLM21AJ601SH1D Datasheet
3Mb / 89P
   SMD/BLOCK Type EMI Suppression Filters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com