Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

DLP31DN900ML4 Datasheet(PDF) 4 Page - Murata Manufacturing Co., Ltd.

No. de Pieza. DLP31DN900ML4
Descripción  On-Board Type (DC) EMI Suppression Filters
Descarga  18 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  MURATA [Murata Manufacturing Co., Ltd.]
Página de inicio  http://www.murata.com
Logo 

DLP31DN900ML4 Datasheet(HTML) 4 Page - Murata Manufacturing Co., Ltd.

 
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
!Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc.
• This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering.
1
!BLM Series
* Please see P.58 "Derating of Rated Current".
Continued on the following page.
Type
Size (EIA Code)
0402
0603
For Standard
For High Speed Signal
(Sharp impedance characteristics)
For Large Current
For Standard
For High Speed Signal
(Sharp impedance characteristics)
Impedance (
Ω)
at 100MHz
at 1GHz
10 (Typ.)
70 (Typ.)
120
±25%
220
±25%
600
±25%
1000
±25%
600
±25%
1000
±25%
5
±25%
10
±25%
22
±25%
47
±25%
75
±25%
120
±25%
220
±25%
75
±25%
120
±25%
220
±25%
470
±25%
600
±25%
1000
±25%
1800
±25%
10 (Typ.)
600
±25%
1000
±25%
600
±25%
1000
±25%
1800
±25%
120
±25%
220
±25%
120
±25%
150
±25%
220
±25%
330
±25%
470
±25%
600
±25%
1000
±25%
5
±25%
10
±25%
22
±25%
47
±25%
60
±25%
75
±25%
120
±25%
140
±25%
-
-
-
-
-
-
140 (Typ.)
300 (Typ.)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
1000
±40%
1400
±40%
1400
±40%
2000
±40%
2700
±40%
145 (Typ.)
270 (Typ.)
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
-
Rated Current (mA)
1000
500
300
200
300
200
500
300
200
300
200
100
1000
300
250
300
250
200
1500*
700*
200
100
500
700
500
300
500
200
300
200
200
Part Number
BLM15AG100SN1
BLM15AG700SN1
BLM15AG121SN1
BLM15AG221SN1
BLM15AG601SN1
BLM15AG102SN1
BLM15AG601AN1
BLM15AG102AN1
BLM15BB050SN1
BLM15BB100SN1
BLM15BB220SN1
BLM15BB470SN1
BLM15BB750SN1
BLM15BB121SN1
BLM15BB221SN1
BLM15BD750SN1
BLM15BD121SN1
BLM15BD221SN1
BLM15BD471SN1
BLM15BD601SN1
BLM15BD102SN1
BLM15BD182SN1
BLM15PG100SN1
BLM15HG601SN1
BLM15HG102SN1
BLM15HD601SN1
BLM15HD102SN1
BLM15HD182SN1
BLM15EG121SN1
BLM15EG221SN1
BLM18AG121SN1
BLM18AG151SN1
BLM18AG221SN1
BLM18AG331SN1
BLM18AG471SN1
BLM18AG601SN1
BLM18AG102SN1
BLM18BA050SN1
BLM18BB050SN1
BLM18BA100SN1
BLM18BB100SN1
BLM18BA220SN1
BLM18BB220SN1
BLM18BA470SN1
BLM18BB470SN1
BLM18BB600SN1
BLM18BA750SN1
BLM18BB750SN1
BLM18BA121SN1
BLM18BB121SN1
BLM18BD121SN1
BLM18BB141SN1
0201
For Standard
10 (Typ.)
70 (Typ.)
120
±25%
240
±25%
-
-
-
-
500
200
200
100
BLM03AG100SN1
BLM03AG700SN1
BLM03AG121SN1
BLM03AG241SN1
GHz Range
For Standard
For High Speed
Signal
For Standard
(Low DC
Resistance Type)
16
Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this PDF catalog to prevent smoking and/or burning, etc.
This catalog has only typical specifications. Therefore, you are requested to approve our product specifications or to transact the approval sheet for product specifications before ordering.
!Note
C31E12.pdf 04.8.30


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18 


Datasheet Download



Número de Pieza relacionado

Part NumberComponents DescriptionHtml ViewManufacturer
BL01RNOn-Board Type DC EMI Suppression Filters 1 2 3 4 5 MoreList of Unclassifed Manufacturers
ELKECoil type EMI Filters DNF 1 2 Panasonic Semiconductor
QPI-X-EVAL1Evaluation Board for Active EMI Filters 1 2 Vicor Corporation
DVMA28HIGH RELIABILITY HYBRID EMI FILTERS 1 2 3 4 5 MoreList of Unclassifed Manufacturers
B81133EMI Suppression Capacitors 1 2 3 List of Unclassifed Manufacturers
DVMD28HIGH RELIABILITY HYBRID EMI FILTERS 1 2 3 4 5 MoreDelta Electronics, Inc.
DVME28HIGH RELIABILITY HYBRID EMI FILTERS 1 2 3 4 5 MoreDelta Electronics, Inc.
DVMH28HIGH RELIABILITY HYBRID EMI FILTERS 1 2 3 4 5 MoreDelta Electronics, Inc.
DVMSA28HIGH RELIABILITY HYBRID EMI FILTERS 1 2 3 4 5 MoreDelta Electronics, Inc.
SUS3ON-BOARD TYPE 1 List of Unclassifed Manufacturers

Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn