Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E142 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC10E142
Descripción Electrónicos  9-BIT SHIFT REGISTER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E142 Datasheet(HTML) 1 Page - ON Semiconductor

  MC10E142 Datasheet HTML 1Page - ON Semiconductor MC10E142 Datasheet HTML 2Page - ON Semiconductor MC10E142 Datasheet HTML 3Page - ON Semiconductor MC10E142 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
D2
D3
D4
VCCO Q0
Q1
Q2
VCCO
D5
D6
D7
D8
SEL
MR
CLK1
CLK2
VEE
S-IN
D0
D1
26
27
28
2
3
4
25
24
23
22
21
20
19
18
17
16
15
14
13
12
11
5
6
7
8
9
10
Q8
Q7
Q6
VCC
Q5
VCCO
Q4
Q3
1
LOGIC DIAGRAM
S-IN
D0
D1
D2
D3
D8
SEL
CLK1
CLK2
MR
Q0
Q1
Q2
Q3
Q8
D
Q
D
D
D
D
Q
Q
Q
Q
1
0
1
0
1
0
1
0
1
0
Pinout: 28-Lead PLCC
(Top View)
* All VCC and VCCO pins are tied together on the die.
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 2
© Motorola, Inc. 1996
12/93
9Bit Shift Register
The MC10E/100E142 is a 9-bit shift register, designed with byte-parity
applications in mind. The E142 performs serial/parallel in and
serial/parallel out, shifting in one direction. The nine inputs D0 – D8
accept parallel input data, while S-IN accepts serial input data. The Qn
outputs do not need to be terminated for the shift operation to function. To
minimize noise and power, any Q output not used should be left
unterminated.
700MHz Min. Shift Frequency
9-Bit for Byte-Parity Applications
Asynchronous Master Reset
Dual Clocks
Extended 100E VEE Range of – 4.2V to – 5.46V
75kΩ Input Pulldown Resistors
The SEL (Select) input pin is used to switch between the two modes of
operation — SHIFT and LOAD. The shift direction is from bit 0 to bit 8.
Input data is accepted by the registers a set-up time before the positive
going edge of CLK1 or CLK2; shifting is also accomplished on the positive
clock edge. A HIGH on the Master Reset pin (MR) asynchronously resets
all the resisters to zero.
PIN NAMES
Pin
Function
D0 – D8
Parallel Data Inputs
S-IN
Serial Data Input
SEL
Mode Select Input
CLK1, CLK2
Clock Inputs
MR
Master Reset
Q0 – Q8
Data Outputs
FUNCTIONS
SEL
Mode
L
H
Load
Shift
MC10E142
MC100E142
9-BIT SHIFT
REGISTER
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Número de pieza similar - MC10E142

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E142 ONSEMI-MC10E142 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E142FN ONSEMI-MC10E142FN Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E142FNG ONSEMI-MC10E142FNG Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E142FNR2 ONSEMI-MC10E142FNR2 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
MC10E142FNR2G ONSEMI-MC10E142FNR2G Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
More results

Descripción similar - MC10E142

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY10E142 MICREL-SY10E142_06 Datasheet
63Kb / 4P
   9-BIT SHIFT REGISTER
SY10E142 MICREL-SY10E142 Datasheet
71Kb / 4P
   9-BIT SHIFT REGISTER
logo
ON Semiconductor
MC10EP142 ONSEMI-MC10EP142_15 Datasheet
133Kb / 14P
   ECL 9-Bit Shift Register
April, 2015 ??Rev. 18
MC10E142 ONSEMI-MC10E142_06 Datasheet
150Kb / 8P
   5V ECL 9-Bit Shift Register
February, 2006 ??Rev. 7
logo
Arizona Microtek, Inc
AZ10E142 AZM-AZ10E142 Datasheet
74Kb / 5P
   ECL/PECL 9-bit Shift Register
logo
Hitachi Semiconductor
HD74AC166 HITACHI-HD74AC166 Datasheet
65Kb / 11P
   8-bit Shift Register
logo
ON Semiconductor
MC10E141 ONSEMI-MC10E141 Datasheet
111Kb / 4P
   8-BIT SHIFT REGISTER
1996 REV 3
logo
Micrel Semiconductor
SY100S341 MICREL-SY100S341_07 Datasheet
89Kb / 6P
   8-BIT SHIFT REGISTER
logo
Mitsubishi Electric Sem...
M74LS96P MITSUBISHI-M74LS96P Datasheet
254Kb / 5P
   5-Bit Shift Register
logo
Renesas Technology Corp
HD74HC95 RENESAS-HD74HC95 Datasheet
90Kb / 7P
   8-bit Shift Register
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com