Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ATV320U22N4C Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

No. de pieza ATV320U22N4C
Descripción Electrónicos  variable speed drive ATV320 - 2.2kW - 380...500V - 3 phase - compact
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

ATV320U22N4C Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ATV320U22N4C Datasheet HTML 2Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 3Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 4Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 5Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 6Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 7Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 8Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 9Page - List of Unclassifed Manufacturers ATV320U22N4C Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
Product data sheet
Mounting and Clearance
ATV320U22N4C
Mounting Types
Mounting Type A: Individual with Ventilation Cover
Only Possible at Ambient Temperature Less or Equal to 50 °C (122 °F)
Mounting Type B: Side by Side, Ventilation Cover Removed
Mounting Type C: Individual, Ventilation Cover Removed
For Operation at Ambient Temperature Above 50 °C (122 °F)


Número de pieza similar - ATV320U22N4C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
ATV320U22N4C SCHNEIDER-ATV320U22N4C Datasheet
10Mb / 48P
   Variable speed drives Altivar Machine
March 2017 - V4.0
More results

Descripción similar - ATV320U22N4C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Schneider Electric
ATV320U30N4C SCHNEIDER-ATV320U30N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 3 kW, 380...500 V, 3 phases, compact
Sep 13, 2021
ATV320U15N4C SCHNEIDER-ATV320U15N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 1.5 kW, 380...500 V, 3 phases, compact
Sep 13, 2021
ATV320U04N4C SCHNEIDER-ATV320U04N4C_V01 Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.37 kW, 380...500 V, 3 phases, compact
Jan 12, 2022
ATV320U06N4C SCHNEIDER-ATV320U06N4C Datasheet
608Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.55 kW, 380...500 V, 3 phases, compact
Apr 17, 2023
ATV320U04N4C SCHNEIDER-ATV320U04N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.37 kW, 380...500 V, 3 phases
Sep 13, 2021
ATV320U30N4W SCHNEIDER-ATV320U30N4W Datasheet
193Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 3 kW, 380...500 V, 3 phases, enclosed
Sep 22, 2021
ATV320U07N4C SCHNEIDER-ATV320U07N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 0.75 kW, 380...500 V, 3 phases
Sep 13, 2021
ATV320U40N4C SCHNEIDER-ATV320U40N4C Datasheet
235Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 4 kW, 380...500 V
Sep 13, 2021
ATV320D11N4B SCHNEIDER-ATV320D11N4B Datasheet
266Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 11 kW, 380...500 V
Sep 13, 2021
ATV320U15N4W SCHNEIDER-ATV320U15N4W Datasheet
191Kb / 10P
   Variable speed drive, Altivar Machine ATV320, 1.5 kW, 380...500 V, 3 phases, enclosed
Sep 22, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com