Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MAX-7 Datasheet(PDF) 16 Page - List of Unclassifed Manufacturers

No. de pieza MAX-7
Descripción Electrónicos  u-blox 7 GNSS modules
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ETC2 [List of Unclassifed Manufacturers]
Página de inicio  
Logo ETC2 - List of Unclassifed Manufacturers

MAX-7 Datasheet(HTML) 16 Page - List of Unclassifed Manufacturers

Back Button MAX-7 Datasheet HTML 12Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 13Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 14Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 15Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 16Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 17Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 18Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 19Page - List of Unclassifed Manufacturers MAX-7 Datasheet HTML 20Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
MAX-7 - Data Sheet
UBX-13004068 - R05
Production Information
Electrical specification
Page 16 of 24
4.3 Indicative current requirements
Table 8 lists examples of the total system supply current for a possible application.
Values in Table 8 are provided for customer information only as an example of typical power
requirements. Values are characterized on samples, actual power requirements can vary depending on
FW version used, external circuitry, number of SVs tracked, signal strength, type of start as well as time,
duration and conditions of test.
Parameter
Symbol
Module
Min
Typ
Max
Units
Condition
Max. supply current
15
Iccp
All
67
mA
Average supply current
16, 17
Icc Acquisition
18
MAX-7C
21.0
mA
MAX-7W
39.5
mA
Estimated at 3V
MAX-7Q
22.0
mA
Icc Tracking
(Continuous mode,)
MAX-7C
16.5
mA
MAX-7W
29.5
mA
Estimated at 3V
MAX-7Q
17.5
mA
Icc Tracking
(Power Save mode / 1 Hz)
MAX-7C
4.5
mA
MAX-7W
7.0
mA
Estimated at 3V
MAX-7Q
5.0
mA
Table 8: Indicative power requirements at 3.0 V
For more information about power requirements, see the MAX-7 / NEO-7 Hardware Integration Manual
[1]
15 Use this figure to dimension maximum current capability of power supply. Measurement of this parameter with 1 Hz bandwidth.
16 Use this figure to determine required battery capacity.
17 Simulated constellation of 8 satellites is used. All signals are at -130 dBm. VCC= 3 V
18 Average current from start-up until the first fix.


Número de pieza similar - MAX-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cooper Bussmann, Inc.
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
MAX-70 COOPER-MAX-70 Datasheet
78Kb / 1P
   Blade-Type Fuses
logo
SL Power Electronics
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
MAX-700 SLPOWER-MAX-700 Datasheet
85Kb / 2P
   700, 750 WATTS MULTIPLE OUTPUT
logo
Altera Corporation
MAX-7000A ALTERA-MAX-7000A Datasheet
1,018Kb / 64P
   Programmable Logic Device
More results

Descripción similar - MAX-7

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
u-blox AG
NEO-M8 U-BLOX-NEO-M8 Datasheet
1Mb / 26P
   u-blox M8 concurrent GNSS modules
MAX-M8 U-BLOX-MAX-M8 Datasheet
808Kb / 28P
   u-blox M8 concurrent GNSS modules
UBX-G7020-KT U-BLOX-UBX-G7020-KT Datasheet
1Mb / 38P
   u-blox 7 GPS/GNSS chips
Revision1 1/27/2012
CAM-M8 U-BLOX-CAM-M8 Datasheet
1Mb / 31P
   u-blox M8 Concurrent GNSS Antenna Modules
MAX-M10 U-BLOX-MAX-M10 Datasheet
100Kb / 2P
   u-blox M10 standard precision GNSS modules
NEO-M8P U-BLOX-NEO-M8P Datasheet
1Mb / 29P
   u-blox M8 High Precision GNSS Modules
ZOE-M8 U-BLOX-ZOE-M8 Datasheet
1Mb / 31P
   Ultra-small u-blox M8 GNSS SiP modules
EVK-M101 U-BLOX-EVK-M101 Datasheet
122Kb / 1P
   u-blox M10 GNSS evaluation kit
UBX-M8030 U-BLOX-UBX-M8030 Datasheet
269Kb / 2P
   Versatile u-blox M8 GNSS chips
ZED-F9P U-BLOX-ZED-F9P Datasheet
1Mb / 24P
   u-blox F9 high precision GNSS module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com