Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT4237TS Datasheet(PDF) 3 Page - Catalyst Semiconductor

No. de pieza CAT4237TS
Descripción Electrónicos  High Voltage CMOS Boost White LED Driver
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT4237TS Datasheet(HTML) 3 Page - Catalyst Semiconductor

  CAT4237TS Datasheet HTML 1Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 2Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 3Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 4Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 5Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 6Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 7Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 8Page - Catalyst Semiconductor CAT4237TS Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
CAT4237
© 2005 Catalyst Semiconductor, Inc.
3 of 13
Doc. No. 5013, Rev. A
Characteristics subject to change without notice
PIN DESCRIPTION
VIN is the supply input for the internal logic
The device is compatible with supply voltages
down
to
2.8V
and
up
to
5.5V.
It
is
recommended that a small bypass ceramic
capacitor (4.7uF) be placed between the VIN
and GND pins near the device. If the supply
voltage drops below 1.9V, the device stops
switching.
SHDN* is the shutdown logic input. When the
pin is tied to a voltage lower than 0.4V, the
device is in shutdown mode, drawing nearly
zero current. When the pin is connected to a
voltage higher than 1.5V, the device is
enabled.
GND is the ground reference pin. This pin
should be connected directly to the ground
place on the PCB.
SW pin is connected to the drain of the internal
CMOS power switch of the boost converter. The
inductor and the Schottky diode anode should be
connected to the SW pin. Traces going to the SW
pin should be as short as possible with minimum
loop area. An over-voltage detection circuit is
connected to the SW pin. When the voltage
reaches 35V, the device enters a low power
operating mode preventing the SW voltage from
exceeding the maximum rating.
FB feedback pin is regulated at 0.3V. A resistor
connected between the FB pin and ground sets
the LED current according to the formula:
ILED = 0.3V/R1
The lower LED cathode is connected to the FB pin.
Pin #
Name
Function
1
SW
Switch pin. This is the drain of the internal power switch.
2
GND
Ground pin. Connect the pin to the ground plane.
3
FB
Feedback pin. Connect to the last LED cathode.
4
SHDN*
Shutdown pin (Logic Low). Set high to enable the driver.
5
VIN
Power Supply input.
BLOCK DIAGRAM


Número de pieza similar - CAT4237TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT4237TD CATALYST-CAT4237TD Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237TD-GT3 CATALYST-CAT4237TD-GT3 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
logo
ON Semiconductor
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237TD-GT3 ONSEMI-CAT4237TD-GT3 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
More results

Descripción similar - CAT4237TS

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
CAT4237 ONSEMI-CAT4237 Datasheet
279Kb / 13P
   High Voltage CMOS Boost White LED Driver
February, 2010 ??Rev. 2
CAT4237 ONSEMI-CAT4237_11 Datasheet
270Kb / 12P
   High Voltage CMOS Boost White LED Driver
November, 2011 ??Rev. 3
CAT4237TD-T3 ONSEMI-CAT4237TD-T3 Datasheet
294Kb / 14P
   High Voltage CMOS Boost White LED Driver
Doc. No. MD-5013, Rev. C
logo
Catalyst Semiconductor
CAT4237 CATALYST-CAT4237_07 Datasheet
302Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT4237 CATALYST-CAT4237_08 Datasheet
301Kb / 14P
   High Voltage CMOS Boost White LED Driver
CAT37 CATALYST-CAT37_05 Datasheet
557Kb / 12P
   CMOS White LED Driver Boost Converter
logo
ON Semiconductor
CAT37 ONSEMI-CAT37 Datasheet
149Kb / 11P
   CMOS White LED Driver Boost Converter
February, 2010 ??Rev. 21
logo
Catalyst Semiconductor
CAT4137 CATALYST-CAT4137 Datasheet
302Kb / 14P
   CMOS Boost Converter - White LED Driver
logo
ON Semiconductor
CAT37TDI-T3 ONSEMI-CAT37TDI-T3 Datasheet
187Kb / 13P
   CMOS White LED Driver Boost Converter
Doc. No. MD-5005 Rev. V
CAT4137TD-T3 ONSEMI-CAT4137TD-T3 Datasheet
251Kb / 16P
   CMOS Boost Converter - White LED Driver
Doc. No. MD-5012 Rev. C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com