Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5132GZ-10TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT5132GZ-10TE13
Descripción Electrónicos  15 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and 2-wire Interface
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5132GZ-10TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5132GZ-10TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT5132GZ-10TE13 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
CAT5132
8
Doc. No. 25092, Rev. 00
© 2005 by Catalyst Semiconductor, Inc.
Characteristics subject to change without notice
Figure 5. Access Register Addressing Using 3 Bytes
Table 2. Byte 1 Slave Address and Instruction Byte
h
2
0
-
s
s
e
r
d
d
a
R
Aon
i
t
c
e
l
e
s
)
h
0
0
(
R
D
/
)
h
0
8
(
R
WC
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
1
0
0
0
0
0
0
0
A
T
S
0
1
0
1
0
00
0
A
00
0
0
0
0
1
0
A
0
0
0
0
0
0
0
0
A
P
S
1st byte
2nd byte
3rd byte
SP
Table 1. Access Control Register
DEVICE DESCRIPTION
Access Control Register
The volatile register WCR and the non-volatile register
DR of CAT5132 are accessed only by addressing the
volatile Access Register AR first, using the 3 byte I2C
interface for all read and write operations (see Table 1).
The first byte is the slave address/instruction byte (see
details below). The second byte contains the address
(02h) of the AR register. The data in the third byte
controls which register WCR (80h) or DR (00h) is being
addressed (see Figure 5).
Slave Address Instruction Byte Description
The first byte sent to the CAT5132 from the master
processor is called the Slave/DPP Address Byte. The
most significant five bits of the slave address are a
device type identifier. These bits for the CAT5132 are
fixed at 01010 (refer to Table 2).
The next two bits, A1 and A0, are the internal slave
address and must match the physical device address
which is defined by the state of the A1 and A0 input pins
to successfully address the CAT5132. Only the device
with slave address matching the input byte will be
accessed by the master. This allows up to 4 devices to
reside on the same bus. The A1 and A0 inputs can be
actively driven by CMOS input signals or tied to VCC or
Ground.
The last bit is the READ/WRITE bit and determines the
function to be performed. If it is a “1” a read command is
initiated and if it is a “0” a write is initiated. For the AR
register only write is allowed.
After the Master sends a START condition and the slave
address byte, the CAT5132 monitors the bus and
responds with an acknowledge (on the SDA line) when
its address matches the transmitted slave address.
SLAVE
ADDRESS
& INSTRUCTION
S
A
C
K
A
C
K
S
T
O
P
P
BUS ACTIVITY:
MASTER
SDA LINE
S
T
A
R
T
A
C
K
FIXED
VARIABLE
AR REGISTER
ADDRESS
WCR/DR
SELECTION
r
e
i
f
i
t
n
e
d
I
e
p
y
T
e
c
i
v
e
Ds
s
e
r
d
d
A
e
v
a
l
S/
d
a
e
R
e
ti
r
W
4
D
I3
D
I2
D
I1
D
I0
D
I1
A0
A/
R
W
01
01
0
X
X
X
)
B
S
M
(
)
B
S
L
(


Número de pieza similar - CAT5132GZ-10TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT5132 CATALYST-CAT5132 Datasheet
540Kb / 14P
   16 Volt Digitally Programmable Potentiometer
CAT5132 CATALYST-CAT5132 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
CAT5132 ONSEMI-CAT5132 Datasheet
165Kb / 12P
   16 Volt Digital Potentiometer (POT) with 128 Taps and I2C Interface
July, 2013 ??Rev. 7
More results

Descripción similar - CAT5132GZ-10TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5132 CATALYST-CAT5132_08 Datasheet
205Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP?? with 128 Taps and I2C Interface
logo
ON Semiconductor
CAT5132 ONSEMI-CAT5132 Datasheet
163Kb / 14P
   16 Volt Digitally Programmable Potentiometer (DPP) with 128 Taps and I2C Interface
July, 2010 ??Rev. 5
logo
Catalyst Semiconductor
CAT5133 CATALYST-CAT5133 Datasheet
285Kb / 10P
   16 Volt Digitally Programmable Potentiometer (DPP TM) with 128 Taps and an Increment Decrement Interface
logo
ON Semiconductor
CAT5132ZI-10-GT3 ONSEMI-CAT5132ZI-10-GT3 Datasheet
131Kb / 14P
   16 Volt Digitally Programmable Potentiometer with 128 Taps and I2C Interface
Doc. No. MD-2124, Rev. F
logo
Catalyst Semiconductor
CAT5251 CATALYST-CAT5251_08 Datasheet
279Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and SPI Interface
CAT5241 CATALYST-CAT5241_08 Datasheet
301Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 64 Taps and I짼C Interface
logo
ON Semiconductor
CAT525 ONSEMI-CAT525 Datasheet
214Kb / 16P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
Doc. No. MD-2001 Rev. J
logo
Catalyst Semiconductor
CAT524 CATALYST-CAT524_07 Datasheet
248Kb / 15P
   Quad Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
CAT5221 CATALYST-CAT5221_08 Datasheet
304Kb / 16P
   Dual Digitally Programmable Potentiometer (DPP?? with 64 Taps and I2C Interface
CAT523 CATALYST-CAT523_07 Datasheet
236Kb / 15P
   Dual Digitally Programmable Potentiometer (DPP?? with 256 Taps and Microwire Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com