Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC10E211 Datasheet(PDF) 3 Page - ON Semiconductor

No. de pieza MC10E211
Descripción Electrónicos  1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC10E211 Datasheet(HTML) 3 Page - ON Semiconductor

  MC10E211 Datasheet HTML 1Page - ON Semiconductor MC10E211 Datasheet HTML 2Page - ON Semiconductor MC10E211 Datasheet HTML 3Page - ON Semiconductor MC10E211 Datasheet HTML 4Page - ON Semiconductor MC10E211 Datasheet HTML 5Page - ON Semiconductor MC10E211 Datasheet HTML 6Page - ON Semiconductor MC10E211 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
MC10E211 MC100E211
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
Output Reference Voltage
10E
100E
VBB
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
Input High Current
IIH
150
150
150
µA
Power Supply Current
10E
100E
IEE
119
119
160
160
119
119
160
160
119
137
160
164
mA
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Characteristic
Symbol
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
Condition
Propagation Delay to Output
CLK to Q (Diff)
CLK to Q (SE)
SCLK to Q
SEL to Q
tPLH
tPHL
795
745
650
745
930
930
900
970
1065
1115
1085
1195
805
755
650
755
940
940
910
980
1075
1125
1095
1205
825
775
650
775
960
960
930
1000
1095
1145
1115
1225
ps
Disable Time
CLK or SCLK to Q
tPHL
600
800
600
800
600
800
ps
2
Part–to–Part Skew
CLK (Diff) to Q
CLK (SE), SCLK to Q
Within-Device Skew
tskew
50
270
370
75
50
270
370
75
270
370
75
ps
1
Setup Time
ENx to CLK
CEN to CLK
ts
200
200
–100
0
200
200
–100
0
200
200
–100
0
ps
2
Hold Time
CLK to ENx, CEN
th
900
600
900
160
900
600
ps
2
Minimum Input Swing (CLK)
VPP
0.25
1.0
0.25
1.0
0.25
1.0
V
3
Com. Mode Range (CLK)
VCMR
–0.4
Note
–0.4
Note
–0.4
Note
V
4
Rise/Fall Times
20 – 80%
tr
tf
150
400
150
400
150
400
ps
1. Within-Device skew is defined for identical transitions on similar paths through a device.
2. Setup, Hold and Disable times are all relative to a falling edge on CLK or SCLK.
3. Minimum input swing for which AC parameters are guaranteed. Full DC ECL output swings will be generated with only 50mV input swings.
4. The range in which the high level of the input swing must fall while meeting the VPP spec. The lower end of the range is VEE dependent and
can be calculated as VEE + 2.4V.


Número de pieza similar - MC10E211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FN ONSEMI-MC10E211FN Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNG ONSEMI-MC10E211FNG Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNR2 ONSEMI-MC10E211FNR2 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC10E211FNR2G ONSEMI-MC10E211FNR2G Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
More results

Descripción similar - MC10E211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
   1:6 Differential Clock Distribution Chip
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
   Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com