Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT5269W-10TE13 Datasheet(PDF) 8 Page - Catalyst Semiconductor

No. de pieza CAT5269W-10TE13
Descripción Electrónicos  Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT5269W-10TE13 Datasheet(HTML) 8 Page - Catalyst Semiconductor

Back Button CAT5269W-10TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 11Page - Catalyst Semiconductor CAT5269W-10TE13 Datasheet HTML 12Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
CAT5419
Document No. 2115, Rev. F
INSTRUCTION AND REGISTER
DESCRIPTION
Instructions
SLAVE ADDRESS BYTE
The first byte sent to the CAT5419 from the master/
processor is called the Slave/DPP Address Byte. The
most significant four bits of the slave address are a
device type identifier. These bits for the CAT5419 are
fixed at 0101[B] (refer to Table 1).
The next four bits, A3 - A0, are the internal slave address
and must match the physical device address which is
defined by the state of the A3 - A0 input pins for the
CAT5419 to successfully continue the command
sequence. Only the device which slave address matches
the incoming device address sent by the master executes
the instruction. The A3 - A0 inputs can be actively driven
by CMOS input signals or tied to VCC or VSS.
INSTRUCTION BYTE
The next byte sent to the CAT5419 contains the instruction
and register pointer information. The four most significant
bits used provide the instruction opcode I [3:0]. The R1
and R0 bits point to one of the four data registers of each
associated potentiometer. The least two significant bits
point to one of two Wiper Control Registers. The format
is shown in Table 2.
Table 1. Identification Byte Format
ID3
ID2
ID1
ID0
A3
A2
A1
A0
0101
(MSB)
(LSB)
Device Type
Identifier
Slave Address
Table 2. Instruction Byte Format
I3
I2
I1
I0
R1
R0
0
P0
(MSB)
(LSB)
Instruction
Data Register
WCR/Pot Selection
Opcode
Selection
Data Register Selected
R1
R0
DR0
0
0
DR1
0
1
DR2
1
0
DR3
1
1
Data Register Selection


Número de pieza similar - CAT5269W-10TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5269WI-00 CATALYST-CAT5269WI-00 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269WI-00 ONSEMI-CAT5269WI-00 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. E
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
CAT5269WI-00-T1 ONSEMI-CAT5269WI-00-T1 Datasheet
212Kb / 15P
   Dual Digital Potentiometer (POT)
July, 2013 ??Rev. 7
logo
Catalyst Semiconductor
CAT5269WI-00TE13 CATALYST-CAT5269WI-00TE13 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
More results

Descripción similar - CAT5269W-10TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT5221 CATALYST-CAT5221 Datasheet
112Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5419 ONSEMI-CAT5419 Datasheet
267Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
Doc. No. MD-2115 Rev. J
logo
Catalyst Semiconductor
CAT5419 CATALYST-CAT5419_07 Datasheet
261Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
CAT5241 CATALYST-CAT5241 Datasheet
111Kb / 16P
   Quad Digitally Programmable Potentiometers (DPP?? with 64 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5411 ONSEMI-CAT5411 Datasheet
280Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
Doc. No. MD-2114 Rev. L
logo
Catalyst Semiconductor
CAT5411_0710 CATALYST-CAT5411_0710 Datasheet
275Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 64 Taps and SPI Interface
CAT5411 CATALYST-CAT5411 Datasheet
93Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP) with 64 Taps and SPI Interface
CAT5269 CATALYST-CAT5269 Datasheet
134Kb / 15P
   Dual Digitally Programmable Potentiometers (DPP) with 256 Taps and 2-wire Interface
CAT5269 CATALYST-CAT5269_07 Datasheet
247Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
logo
ON Semiconductor
CAT5269 ONSEMI-CAT5269 Datasheet
254Kb / 16P
   Dual Digitally Programmable Potentiometers (DPP?? with 256 Taps and 2-wire Interface
Doc. No. MD-2123 Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com