Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100E211 Datasheet(PDF) 1 Page - ON Semiconductor

No. de pieza MC100E211
Descripción Electrónicos  1:6 DIFFERENTIAL CLOCK DISTRIBUTION CHIP
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100E211 Datasheet(HTML) 1 Page - ON Semiconductor

  MC100E211 Datasheet HTML 1Page - ON Semiconductor MC100E211 Datasheet HTML 2Page - ON Semiconductor MC100E211 Datasheet HTML 3Page - ON Semiconductor MC100E211 Datasheet HTML 4Page - ON Semiconductor MC100E211 Datasheet HTML 5Page - ON Semiconductor MC100E211 Datasheet HTML 6Page - ON Semiconductor MC100E211 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOTOROLA
SEMICONDUCTOR TECHNICAL DATA
2–1
REV 3
© Motorola, Inc. 1996
5/95
1:6 Differential Clock
Distribution Chip
The MC10E/100E211 is a low skew 1:6 fanout device designed
explicitly for low skew clock distribution applications. The device can be
driven by either a differential or single-ended ECL or, if positive power
supplies are used, PECL input signal (PECL is an acronym for Positive
ECL, PECL levels are ECL levels referenced to +5V rather than ground).
If a single-ended input is to be used the VBB pin should be connected to
the CLK input and bypassed to ground via a 0.01
µF capacitor. The VBB
supply is designed to act as the switching reference for the input of the
E211 under single-ended input conditions, as a result this pin can only
source/sink up to 0.5mA of current.
Guaranteed Low Skew Specification
Synchronous Enabling/Disabling
Multiplexed Clock Inputs
VBB Output for Single-Ended Use
Internal 75kΩ Input Pulldown Resistors
Common and Individual Enable/Disable Control
High Bandwidth Output Transistors
Extended 100E VEE Range of –4.2V to –5.46V
The E211 features a multiplexed clock input to allow for the distribution
of a lower speed scan or test clock along with the high speed system
clock. When LOW (or left open in which case it will be pulled LOW by the
input pulldown resistor) the SEL pin will select the differential clock input.
Both a common enable and individual output enables are provided. When asserted the positive output will go LOW on the next
negative transition of the CLK (or SCLK) input. The enabling function is synchronous so that the outputs will only be
enabled/disabled when the outputs are already in the LOW state. In this way the problem of runt pulse generation during the
disable operation is avoided. Note that the internal flip flop is clocked on the falling edge of the input clock edge, therefore all
associated specifications are referenced to the negative edge of the CLK input.
The output transitions of the E211 are faster than the standard ECLinPS
™ edge rates. This feature provides a means of
distributing higher frequency signals than capable with the E111 device. Because of these edge rates and the tight skew limits
guaranteed in the specification, there are certain termination guidelines which must be followed. For more details on the
recommended termination schemes please refer to the applications information section of this data sheet.
FUNCTION TABLE
CLK
SCLK
SEL
ENx
Q
H/L
X
Z*
X
H/L
Z*
L
H
X
L
L
H
CLK
SCLK
L
* Z = Negative transition of CLK or SCLK
ECLinPS is a trademark of Motorola Inc.
MC10E211
MC100E211
1:6 DIFFERENTIAL
CLOCK DISTRIBUTION CHIP
FN SUFFIX
PLASTIC PACKAGE
CASE 776-02


Número de pieza similar - MC100E211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100E211 ONSEMI-MC100E211 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100E211FN ONSEMI-MC100E211FN Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100E211FNG ONSEMI-MC100E211FNG Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100E211FNR2 ONSEMI-MC100E211FNR2 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100E211FNR2G ONSEMI-MC100E211FNR2G Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
More results

Descripción similar - MC100E211

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pericom Semiconductor C...
PI90LV211 PERICOM-PI90LV211 Datasheet
185Kb / 9P
   1:6 Differential Clock Distribution Chip
logo
ON Semiconductor
MC10E211 ONSEMI-MC10E211_06 Datasheet
151Kb / 11P
   5V ECL 1:6 Differential Clock Distribution Chip
November, 2006 ??Rev. 12
MC100LVEL14 ONSEMI-MC100LVEL14 Datasheet
100Kb / 4P
   1:5 Clock Distribution Chip
1996 REV 1
logo
Semtech Corporation
SK10EL14WD SEMTECH-SK10EL14WD Datasheet
93Kb / 4P
   1:5 Clock DISTRIBUTION CHIP
logo
ON Semiconductor
MC10EL15 ONSEMI-MC10EL15 Datasheet
88Kb / 4P
   1:4 Clock Distribution Chip
1996 REV 2
logo
Integrated Circuit Syst...
ICS85408 ICST-ICS85408 Datasheet
466Kb / 12P
   LOW SKEW, 1-TO-8 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
logo
Renesas Technology Corp
ICS8516I RENESAS-ICS8516I Datasheet
599Kb / 19P
   Low Skew, 1-to-16 Differential-to- LVDS, Clock Distribution Chip
2019
logo
Integrated Device Techn...
ICS8516I IDT-ICS8516I Datasheet
181Kb / 18P
   Low Skew, 1-to-16 Differential-to-LVDS, Clock Distribution Chip
ICS8516 IDT-ICS8516 Datasheet
239Kb / 16P
   Low Skew, 1-to-16 Differential-to-LVDS Clock Distribution Chip
logo
Integrated Circuit Syst...
ICS8516 ICST-ICS8516 Datasheet
345Kb / 15P
   LOW SKEW, 1-TO-16 DIFFERENTIAL-TO-LVDS CLOCK DISTRIBUTION CHIP
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com