Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT34AC02RI Datasheet(PDF) 5 Page - Catalyst Semiconductor

No. de pieza CAT34AC02RI
Descripción Electrónicos  2K-Bit SMBus EEPROM for ACR Card Configuration
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT34AC02RI Datasheet(HTML) 5 Page - Catalyst Semiconductor

  CAT34AC02RI Datasheet HTML 1Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 2Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 3Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 4Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 5Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 6Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 7Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 8Page - Catalyst Semiconductor CAT34AC02RI Datasheet HTML 9Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CAT34AC02
5
Doc No. 1025, Rev. E
SERIAL BUS PROTOCOL
The following defines the features of the ACR Serial bus
protocol:
(1) Data transfer may be initiated only when the bus is
not busy.
(2) During a data transfer, the data line must remain
stable whenever the clock line is high. Any changes
in the data line while the clock line is high will be
interpreted as a START or STOP condition.
START Condition
The START Condition precedes all commands to the
device, and is defined as a HIGH to LOW transition of
SDA when SCL is HIGH. The CAT34AC02 monitor the
SDA and SCL lines and will not respond until this
condition is met.
STOP Condition
A LOW to HIGH transition of SDA when SCL is HIGH
determines the STOP condition. All operations must end
with a STOP condition.
DEVICE ADDRESSING
The Master begins a transmission by sending a START
condition. The Master then sends the address of the
particular slave device it is requesting. The four most
significant bits of the 8-bit slave address are fixed as
1011 for the CAT34AC02 (see Fig. 5). The next three
significant bits (A2, A1, A0) are the device address bits
and define which device the Master is accessing. Up to
eight CAT34AC02 may be individually addressed by the
system.
The last bit of the slave address specifies
whether a Read or Write operation is to be performed.
When this bit is set to 1, a Read operation is selected,
and when set to 0, a Write operation is selected.
After the Master sends a START condition and the slave
address byte, the CAT34AC02 monitors the bus and
responds with an acknowledge (on the SDA line) when
its address matches the transmitted slave address. The
CAT34AC02 then performs a Read or a Write operation
depending on the state of the R/
W bit.
Acknowledge
After a successful data transfer, each receiving device is
required to generate an acknowledge. The
Acknowledging device pulls down the SDA line during
the ninth clock cycle, signaling that it received the 8 bits
of data.
The CAT34AC02 responds with an acknowledge after
receiving a START condition and its slave address. If the
device has been selected along with a write operation,
it responds with an acknowledge after receiving each
byte.
When the CAT34AC02 begins a READ mode, it transmits
8 bits of data, releases the SDA line, and monitors the
line for an acknowledge. Once it receives this
acknowledge, the CAT34AC02 will continue to transmit
data. If no acknowledge is sent by the Master, the device
terminates data transmission and waits for a STOP
condition.
Figure 4. Acknowledge Timing
Figure 5. Slave Address Bits
1
DEVICE ADDRESS
0
1
1
A2
A1
A0
R/W
ACKNOWLEDGE
1
START
SCL FROM
MASTER
89
DATA OUTPUT
FROM TRANSMITTER
DATA OUTPUT
FROM RECEIVER


Número de pieza similar - CAT34AC02RI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT34C02 CATALYST-CAT34C02 Datasheet
309Kb / 17P
   2-Kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
logo
ON Semiconductor
CAT34C02 ONSEMI-CAT34C02 Datasheet
173Kb / 15P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
December, 2009 ??Rev. 14
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect TSSOP?? Y SUFFIX
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
171Kb / 14P
   2 kb I2C EEPROM for DDR2 DIMM Serial Presence Detect
March, 2011 ??Rev. 17
CAT34C02 ONSEMI-CAT34C02 Datasheet
229Kb / 17P
   EEPROM Serial 2-Kb I2C forDDR2 DIMM SPD
May, 2018 ??Rev. 20
More results

Descripción similar - CAT34AC02RI

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
STMicroelectronics
M34A02 STMICROELECTRONICS-M34A02 Datasheet
123Kb / 15P
   2 Kbit Serial SMBus EEPROM for ACR Card Configuration
logo
Panasonic Semiconductor
MN63112S PANASONIC-MN63112S Datasheet
36Kb / 4P
   2K-Bit EEPROM
MN6311S PANASONIC-MN6311S Datasheet
40Kb / 6P
   2K-Bit EEPROM
logo
List of Unclassifed Man...
24LLC02 ETC-24LLC02 Datasheet
663Kb / 19P
   2K-bit Serial EEPROM for Low Power
logo
Catalyst Semiconductor
93C57 CATALYST-93C57 Datasheet
406Kb / 9P
   2K-Bit Microwire Serial EEPROM
CAT93C56 CATALYST-CAT93C56_06 Datasheet
411Kb / 9P
   2K-Bit Microwire Serial EEPROM
logo
Microchip Technology
24LC09 MICROCHIP-24LC09 Datasheet
237Kb / 20P
   8K 2.5V ACR SERIAL EEPROM
2001
24LC09 MICROCHIP-24LC09_04 Datasheet
190Kb / 18P
   8K 2.5V ACR SERIAL EEPROM
2004
logo
List of Unclassifed Man...
TMC93LC46 ETC-TMC93LC46 Datasheet
1Mb / 15P
   1K/2K/2K/4K/16K-Bit Microwire Serial EEPROM
logo
Seiko Instruments Inc
S-29255A SII-S-29255A Datasheet
846Kb / 14P
   CMOS 2K/4K-bit SERIAL EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com