Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼
Nombre de pieza
         Descripción


MC100E337 Datasheet(Hoja de datos) 3 Page - ON Semiconductor

No. de Pieza. MC100E337
Descripción  3-BIT SCANNABLE REGISTERED BUS TRANSCEIVER
Descarga  5 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo 

   
 3 page
background image
MC10E337 MC100E337
2–3
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 4
DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
VCUT
Cut-off Output Voltage1
– 2.10
– 2.03
– 2.10
– 2.03
– 2.10
– 2.03
V
IIH
Input HIGH Current
µA
All Other Inputs
150
150
150
IEE
Power Supply Current
mA
10E
145
174
145
174
145
174
100E
145
174
145
174
167
200
1. measured with VTT = –2.10V
AC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = VCCO = GND)
0
°C
25
°C
85
°C
Symbol
Characteristic
min
typ
max
min
typ
max
min
typ
max
Unit
Condition
tPLH
Propagation Delay to Output
ps
tPHL
Clk to Q
450
1000
450
1000
450
1000
Clk to BUS
800
1800
800
1800
800
1800
ABUSDIS
500
1500
500
1500
500
1500
SYNCEN
800
1800
800
1800
800
1800
ts
Setup Time
ps
BUS
350
350
350
SBUSEN
100
100
100
Data, S-IN
400
400
400
TEN, REN, SCAN
550
550
550
th
Hold TIme
ps
BUS
350
350
350
SBUSEN
500
500
500
Data, S-IN
350
350
350
TEN, REN, SCAN
200
200
200
tPW
Minimum Pulse Width
ps
CLk
400
400
400
tr
Rise/Fall Times
ps
tf
20 - 80% (Qn)
300
800
300
800
300
800
20 - 80% (BUSn Rise)
500
1000
500
1000
500
1000
20 - 80% (BUSn Fall)
300
800
300
800
300
800




Html Pages

1  2  3  4  5 


Datasheet Download



Número de Pieza relacionado

Número de PiezaDescripción de ComponentesHtml ViewFabricante
MC10E3363-BIT REGISTERED BUS TRANSCEIVER 1 2 3 4 ON Semiconductor
SY10E3363-BIT REGISTERED BUS TRANSCEIVER 1 2 3 4 Micrel Semiconductor
MC10E2123-BIT SCANNABLE REGISTERED ADDRESS DRIVER 1 2 3 4 ON Semiconductor
SN54ABT18502SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER 1 2 3 4 5 MoreTI store
SN74ALVCH1652418-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
SN74ALVCH1652518-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
SN74ABT18502SCAN TEST DEVICE WITH 18-BIT REGISTERED BUS TRANSCEIVER 1 2 3 4 5 MoreTI store
V320V320 8-Bit Registered Bus Transceiver 1 2 3 4 5 MoreFairchild Semiconductor
SN74ALVCH16252518-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS 1 2 3 4 5 MoreTI store
IDT74LVCH16501A3.3V CMOS 18-BIT REGISTERED BUS TRANSCEIVER WITH 5V TOLERANT I/O AND BUS-HOLD 1 2 3 4 5 MoreIntegrated Device Technology

Enlace URL

¿ALLDATASHEET es útil para Ud.?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl