Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CAT1027RE-28TE13 Datasheet(PDF) 7 Page - Catalyst Semiconductor

No. de pieza CAT1027RE-28TE13
Descripción Electrónicos  Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CATALYST [Catalyst Semiconductor]
Página de inicio  http://www.catalyst-semiconductor.com
Logo CATALYST - Catalyst Semiconductor

CAT1027RE-28TE13 Datasheet(HTML) 7 Page - Catalyst Semiconductor

Back Button CAT1027RE-28TE13 Datasheet HTML 3Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 4Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 5Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 6Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 7Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 8Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 9Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 10Page - Catalyst Semiconductor CAT1027RE-28TE13 Datasheet HTML 11Page - Catalyst Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7
CAT1026, CAT1027
Doc No. 3010, Rev. K
Data Protection
The CAT1026 and CAT1027 devices have been designed
to solve many of the data corruption issues that have long
been associated with serial EEPROMs. Data corruption
occurs when incorrect data is stored in a memory location
which is assumed to hold correct data.
Whenever the device is in a Reset condition, the embedded
EEPROM is disabled for all operations, including write
operations. If the Reset output(s) are active, in progress
communications to the EEPROM are aborted and no new
communications are allowed. In this condition an internal
write cycle to the memory can not be started, but an in
progress internal non-volatile memory write cycle can not
be aborted. An internal write cycle initiated before the
Reset condition can be successfully finished if there is
enough time (5ms) before VCC reaches the minimum
value of 2 V.
In addition, to avoid data corruption due to the loss of
power supply voltage during the memory internal write
operation, the system controller should monitor the
unregulated DC power. Using the second voltage sensor,
VSENSE, to monitor an unregulated power supply, the
CAT1026 and CAT1027 signals an impending power
failure by setting VLOW low.
Watchdog Timer
The Watchdog Timer provides an independent protection
for microcontrollers. During a system failure, the CAT1027
device will provide a reset signal after a time-out interval
of 1.6 seconds for a lack of activity. CAT1027 is designed
with the Watchdog timer feature on the WDI pin. If WDI
does not toggle within 1.6 second intervals, the reset
condition will be generated on reset output. The watchdog
timer is cleared by any transition on monitored line.
As long as reset signal is asserted, the watchdog timer
will not count and will stay cleared.
DEVICE OPERATION
Reset Controller Description
The CAT1026 and CAT1027 precision RESET
controllers ensure correct system operation during
brownout and power up/down conditions. They are
configured with open drain RESET outputs.
During power-up, the RESET outputs remain active
until VCC reaches the VTH threshold and will continue
driving the outputs for approximately 200 ms (tPURST)
after reaching VTH. After the tPURST timeout interval, the
device will cease to drive the reset outputs. At this point
the reset outputs will be pulled up or down by their
respective pull up/down resistors.
During power-down, the RESET outputs will be active
when VCC falls below VTH. The RESET output will be
valid so long as VCC is >1.0 V (VRVALID). The device is
designed to ignore the fast negative going VCC transient
pulses (glitches).
Reset output timing is shown in Figure 1.
Manual Reset Capability
The
RESET pin can operate as reset output and manual
reset input. The input is edge triggered; that is, the
RESET input will initiate a reset timeout after detecting
a high to low transition.
When
RESET I/O is driven to the active state, the 200
msec timer will begin to time the reset interval. If external
reset is shorter than 200 ms, Reset outputs will remain
active at least 200 ms.
Monitoring Two Voltages
The CAT1026 and CAT1027 feature a second voltage
sensor, VSENSE, which drives the open drain VLOW
output low whenever the input voltage is below 1.25 V.
The auxiliary voltage monitor timing is shown in Figure
2.
By using an external resistor divider the sense circuitry
can be set to monitor a second supply in the system.
The circuit shown in Figure 3 provides an externally
adjustable threshold voltage, VTH_ADJ to monitor the
auxiliary voltage. The low leakage current at VSENSE
allows the use of large value resistors, to reduce the
system power consumption. The VLOW output can be
externally connected to the RESET output to generate
a reset condition when either of the supplies is invalid.
In other applications, VLOW signal can be used to
interrupt the system controller for an impending power
failure notification.


Número de pieza similar - CAT1027RE-28TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1027 CATALYST-CAT1027 Datasheet
867Kb / 28P
   Catalyst Semiconductor
CAT1027 CATALYST-CAT1027 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1027 CATALYST-CAT1027 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1027 ONSEMI-CAT1027 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1027 ONSEMI-CAT1027 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
More results

Descripción similar - CAT1027RE-28TE13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Catalyst Semiconductor
CAT1026_0711 CATALYST-CAT1026_0711 Datasheet
249Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
CAT1026 CATALYST-CAT1026_07 Datasheet
313Kb / 20P
   Dual Voltage Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM
logo
ON Semiconductor
CAT1021 ONSEMI-CAT1021_18 Datasheet
409Kb / 24P
   Supervisory Circuits with EEPROM Serial 2k-bit I2C
May, 2018 ??Rev. 19
CAT1026 ONSEMI-CAT1026 Datasheet
602Kb / 20P
   Dual Voltage Supervisory Circuits with I짼C Serial 2k-bit CMOS EEPROM
Doc. No. MD-3010 Rev. P
CAT1023WI-28 ONSEMI-CAT1023WI-28 Datasheet
200Kb / 21P
   Supervisory Circuits with I2C Serial 2k-bit CMOS
Doc. No. MD-3009 Rev. P
logo
Catalyst Semiconductor
CAT1024 CATALYST-CAT1024 Datasheet
140Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
CAT1024_0711 CATALYST-CAT1024_0711 Datasheet
228Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
logo
ON Semiconductor
CAT1025JI-28 ONSEMI-CAT1025JI-28 Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025WI-30-G ONSEMI-CAT1025WI-30-G Datasheet
190Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
CAT1025JI-30 ONSEMI-CAT1025JI-30 Datasheet
206Kb / 20P
   Supervisory Circuits with I2C Serial 2k-bit CMOS EEPROM and Manual Reset
Doc. No. MD-3008 Rev. R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com