Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A2066DCUR Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS5A2066DCUR
Descripción Electrónicos  DUAL-CHANNEL 10-W SPST ANALOG SWITCH
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5A2066DCUR Datasheet(HTML) 8 Page - Texas Instruments

Back Button TS5A2066DCUR Datasheet HTML 4Page - Texas Instruments TS5A2066DCUR Datasheet HTML 5Page - Texas Instruments TS5A2066DCUR Datasheet HTML 6Page - Texas Instruments TS5A2066DCUR Datasheet HTML 7Page - Texas Instruments TS5A2066DCUR Datasheet HTML 8Page - Texas Instruments TS5A2066DCUR Datasheet HTML 9Page - Texas Instruments TS5A2066DCUR Datasheet HTML 10Page - Texas Instruments TS5A2066DCUR Datasheet HTML 11Page - Texas Instruments TS5A2066DCUR Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
www.ti.com
TS5A2066
DUAL-CHANNEL 10-
Ω SPST ANALOG SWITCH
SCDS184A – JANUARY 2005 – REVISED SEPTEMBER 2005
Electrical Characteristics for 2.5-V Supply (continued)
V
+ = 2.3 V to 2.7 V, TA = –40°C to 85°C (unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
TA
V+
MIN
TYP
MAX
UNIT
Dynamic
25
°C
2.5 V
5.7
6.4
8.1
VCOM = 1.5 V,
CL = 35 pF,
Turn-on time
tON
ns
2.3 V to
RL = 300 Ω,
See Figure 17
Full
4.4
8.5
2.7 V
25
°C
2.5 V
2.1
3.1
4.3
VCOM = 1.5 V,
CL = 35 pF,
Turn-off time
tOFF
ns
2.3 V to
RL = 300 Ω,
See Figure 17
Full
1.8
4.8
2.7 V
VGEN = 0,
CL = 0.1 nF,
Charge injection
QC
25
°C
2.5 V
0.5
pC
RGEN = 0,
See Figure 20
NO
VNO = V+ or GND,
CNO(OFF)
See Figure 16
25
°C
2.5 V
6
pF
OFF capacitance
Switch OFF,
COM
VCOM = V+ or GND,
CCOM(OFF)
See Figure 16
25
°C
2.5 V
6
pF
OFF capacitance
Switch OFF,
NO
VNO = V+ or GND,
CNO(ON)
See Figure 16
25
°C
2.5 V
14
pF
ON capacitance
Switch ON,
COM
VCOM = V+ or GND,
CCOM(ON)
See Figure 16
25
°C
2.5 V
14
pF
ON capacitance
Switch ON,
Digital input
CI
VI = V+ or GND,
See Figure 16
25
°C
2.5 V
3
pF
capacitance
RL = 50 Ω,
Bandwidth
BW
See Figure 18
25
°C
2.5 V
300
MHz
Switch ON,
RL = 50 Ω,
Switch OFF,
OFF isolation
OISO
25
°C
2.5 V
–68
dB
f = 10 MHz,
See Figure 19
RL = 50 Ω,
Switch ON,
Crosstalk
XTALK
25
°C
2.5 V
–66
dB
f = 10 MHz,
See Figure 20
Total harmonic
RL = 600 Ω,
f = 20 Hz to 20 kHz,
THD
25
°C
2.5 V
0.35
%
distortion
CL = 50 pF,
See Figure 22
Supply
25
°C
0.1
1
Positive supply
I+
VI = V+ or GND,
Switch ON or OFF
2.7 V
µA
current
Full
5
8


Número de pieza similar - TS5A2066DCUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A2066DCUR TI-TS5A2066DCUR Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCUR TI1-TS5A2066DCUR Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCURE4 TI-TS5A2066DCURE4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCURE4 TI1-TS5A2066DCURE4 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066DCURG4 TI-TS5A2066DCURG4 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
More results

Descripción similar - TS5A2066DCUR

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A1066 TI-TS5A1066_10 Datasheet
600Kb / 26P
[Old version datasheet]   10-W SPST ANALOG SWITCH
TS5A2066 TI1-TS5A2066_14 Datasheet
983Kb / 31P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_10 Datasheet
658Kb / 28P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A2066 TI-TS5A2066_15 Datasheet
928Kb / 30P
[Old version datasheet]   DUAL-CHANNEL 10-廓 SPST ANALOG SWITCH
TS5A23167 TI1-TS5A23167_15 Datasheet
886Kb / 30P
[Old version datasheet]   DUAL SPST ANALOG SWITCH 2-CHANNEL ANALOG SWITCH
MAX4596 TI-MAX4596_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4597 TI-MAX4597_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4594 TI-MAX4594_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595 TI-MAX4595_15 Datasheet
680Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10 SPST ANALOG SWITCH
MAX4595DBVR TI-MAX4595DBVR Datasheet
693Kb / 16P
[Old version datasheet]   SINGLE-CHANNEL 10-??SPST ANALOG SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com