Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EL34 Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC100EL34
Descripción Electrónicos  첨2,첨4,첨8 Clock Generation Chip
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL34 Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL34 Datasheet HTML 1Page - ON Semiconductor MC100EL34 Datasheet HTML 2Page - ON Semiconductor MC100EL34 Datasheet HTML 3Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
MC10EL34 MC100EL34
MOTOROLA
ECLinPS and ECLinPS Lite
DL140 — Rev 3
3–2
AC/DC CHARACTERISTICS (VEE = VEE(min) to VEE(max); VCC = GND)
–40
°C
0
°C
25
°C
85
°C
Symbol
Characteristic
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Min
Typ
Max
Unit
fMAX
Max Toggle Frequency
1100
1100
1100
1100
MHz
IEE
Power Supply
10EL
Current
100EL
39
39
39
39
39
39
39
42
mA
VBB
Output Reference
10EL
Voltage
100EL
–1.43
–1.38
–1.30
–1.26
–1.38
–1.38
–1.27
–1.26
–1.35
–1.38
–1.25
–1.26
–1.31
–1.38
–1.19
–1.26
V
IIH
Input High Current
150
150
150
150
µΑ
tPLH
tPHL
Propagation
CLK
→Q0
Delay to
CLK
→Q1,2
Output
MR
→Q
960
900
750
1200
1140
1060
960
900
750
1200
1140
1060
960
900
750
1200
1140
1060
970
910
790
1210
1150
1090
ps
tSKEW
Within-Device Skew
100
100
100
100
ps
tS
Setup Time EN
400
400
400
400
ps
tH
Hold Time EN
250
250
250
250
ps
VPP
Minimum Input Swing
CLK
250
250
250
250
mV
VCMR
Common Mode Range
CLK
–2.0
–0.4
–2.0
–0.4
–2.0
–0.4
–2.0
–0.4
V
tr
tf
Output Rise/Fall Times Q
(20% – 80%)
275
525
275
525
275
525
275
525
ps
Figure 1. Timing Diagram
CLK
Q0
Q1
Q2
EN
The EN signal will freeze the internal clocks to the flip–flops on the first falling edge of CLK after its assertion. The internal dividers will maintain their state
during the internal clock freeze and will return to clocking once the internal clocks are unfrozen. The outputs will transition to their next states in the same
manner, time and relationship as they would have had the EN signal not been asserted.
Internal Clock
Disabled
Internal Clock
Enabled


Número de pieza similar - MC100EL34

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100EL34 ONSEMI-MC100EL34 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34D ONSEMI-MC100EL34D Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100EL34D ONSEMI-MC100EL34D Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
MC100EL34DG ONSEMI-MC100EL34DG Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
More results

Descripción similar - MC100EL34

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micrel Semiconductor
SY100S834 MICREL-SY100S834 Datasheet
67Kb / 4P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_11 Datasheet
249Kb / 8P
   (첨1, 첨2, 첨4) or (첨2, 첨4, 첨8) Clock Generation Chip
SY100S834 MICREL-SY100S834_09 Datasheet
82Kb / 6P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
SY100S834 MICREL-SY100S834_06 Datasheet
61Kb / 5P
   (첨1, 첨2, 첨4) OR (첨2, 첨4, 첨8) CLOCK GENERATION CHIP
logo
ON Semiconductor
MC10EL34 ONSEMI-MC10EL34_06 Datasheet
133Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 10
logo
Micrel Semiconductor
SY10EL34 MICREL-SY10EL34 Datasheet
57Kb / 4P
   5V/3.3V 첨2, 첨4, 첨8 CLOCK GENERATION CHIP
logo
ON Semiconductor
MC100LVEL34 ONSEMI-MC100LVEL34_06 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
MC100EL34 ONSEMI-MC100EL34 Datasheet
69Kb / 8P
   5V ECL 첨2, 첨4, 첨8 Clock Generation Chip
October, 2000 ??Rev. 3
MC100LVEL34 ONSEMI-MC100LVEL34 Datasheet
145Kb / 10P
   3.3V ECL 첨2, 첨4, 첨8 Clock Generation Chip
November, 2006 ??Rev. 2
logo
Microchip Technology
SY100EL34 MICROCHIP-SY100EL34 Datasheet
752Kb / 14P
   5V/3.3V 첨2, 첨4, 첨8 Clock Generation Chip
02/28/20
More results


Html Pages

1 2 3


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com