Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC100EL16DT Datasheet(PDF) 2 Page - ON Semiconductor

No. de pieza MC100EL16DT
Descripción Electrónicos  Differential Receiver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC100EL16DT Datasheet(HTML) 2 Page - ON Semiconductor

  MC100EL16DT Datasheet HTML 1Page - ON Semiconductor MC100EL16DT Datasheet HTML 2Page - ON Semiconductor MC100EL16DT Datasheet HTML 3Page - ON Semiconductor MC100EL16DT Datasheet HTML 4Page - ON Semiconductor MC100EL16DT Datasheet HTML 5Page - ON Semiconductor MC100EL16DT Datasheet HTML 6Page - ON Semiconductor MC100EL16DT Datasheet HTML 7Page - ON Semiconductor MC100EL16DT Datasheet HTML 8Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
MC10EL16, MC100EL16
http://onsemi.com
2
ATTRIBUTES
Characteristics
Value
Internal Input Pulldown Resistor
75 K
W
Internal Input Pullup Resistor
N/A
ESD Protection
Human Body Model
Machine Model
Charge Device Model
> 500 V
> 100 V
> 2 KV
Moisture Sensitivity, Indefinite Time Out of Drypack (Note 1)
Level 1
Flammability Rating
Oxygen Index: 28 to 34
UL 94 V−0 @ 0.125 in
Transistor Count
47
Meets or Exceeds JEDEC Spec EIA/JESD78 IC Latchup Test
1. For additional information, see Application Note AND8003/D.
MAXIMUM RATINGS (Note 2)
Symbol
Parameter
Condition 1
Condition 2
Rating
Units
VCC
PECL Mode Power Supply
VEE = 0 V
8
V
VEE
NECL Mode Power Supply
VCC = 0 V
−8
V
VI
PECL Mode Input Voltage
VEE = 0 V
VI  VCC
6
V
VI
PECL Mode In ut Voltage
NECL Mode Input Voltage
VEE
0 V
VCC = 0 V
VI  VCC
VI  VEE
6
−6
V
V
Iout
Output Current
Continuous
Surge
50
100
mA
mA
IBB
VBB Sink/Source
± 0.5
mA
TA
Operating Temperature Range
−40 to +85
°C
Tstg
Storage Temperature Range
−65 to +150
°C
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
SO−8
SO−8
190
130
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
SO−8
41 to 44
°C/W
qJA
Thermal Resistance (Junction−to−Ambient)
0 LFPM
500 LFPM
TSSOP−8
TSSOP−8
185
140
°C/W
°C/W
qJC
Thermal Resistance (Junction−to−Case)
Standard Board
TSSOP−8
41 to 44
± 5%
°C/W
Tsol
Wave Solder
<2 to 3 sec @ 248
°C
265
°C
2. Maximum Ratings are those values beyond which device damage may occur.


Número de pieza similar - MC100EL16DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100EL16DT ONSEMI-MC100EL16DT Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTG ONSEMI-MC100EL16DTG Datasheet
169Kb / 8P
   5.0 V ECL Differential Receiver
July, 2016 ??Rev. 9
MC100EL16DTR2 ONSEMI-MC100EL16DTR2 Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
MC100EL16DTR2G ONSEMI-MC100EL16DTR2G Datasheet
153Kb / 9P
   5.0 V ECL Differential Receiver
December, 2006 ??Rev. 7
More results

Descripción similar - MC100EL16DT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC100LVEL16 ONSEMI-MC100LVEL16 Datasheet
58Kb / 3P
   Differential Receiver
1996 REV 0
MC10EP16 ONSEMI-MC10EP16 Datasheet
87Kb / 8P
   Differential Receiver
Sep, 1999 ??Rev. 1.0
logo
SEMTECH ELECTRONICS LTD...
100EL16TA-TD SEMTECH_ELEC-100EL16TA-TD Datasheet
202Kb / 10P
   Differential Receiver
logo
Elantec Semiconductor
EL2142C ELANTEC-EL2142C Datasheet
163Kb / 8P
   Differential Line Receiver
logo
Arizona Microtek, Inc
AZ100EP16 AZM-AZ100EP16_12 Datasheet
421Kb / 7P
   LVPECL Differential Receiver
logo
Micrel Semiconductor
SY10EL16VA MICREL-SY10EL16VA Datasheet
158Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
logo
Integral Corp.
IL34C86 INTEGRAL-IL34C86 Datasheet
129Kb / 5P
   Differential line receiver.
logo
Intersil Corporation
EL9110 INTERSIL-EL9110_07 Datasheet
178Kb / 10P
   Differential Receiver/Equalizer
EL2142 INTERSIL-EL2142 Datasheet
274Kb / 6P
   Differential Line Receiver
logo
Micrel Semiconductor
SY10EL16VA-VF MICREL-SY10EL16VA-VF Datasheet
147Kb / 9P
   ENHANCED DIFFERENTIAL RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com