Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A82DL16X4T Datasheet(PDF) 52 Page - AMIC Technology

No. de pieza A82DL16X4T
Descripción Electrónicos  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL16X4T Datasheet(HTML) 52 Page - AMIC Technology

Back Button A82DL16X4T Datasheet HTML 48Page - AMIC Technology A82DL16X4T Datasheet HTML 49Page - AMIC Technology A82DL16X4T Datasheet HTML 50Page - AMIC Technology A82DL16X4T Datasheet HTML 51Page - AMIC Technology A82DL16X4T Datasheet HTML 52Page - AMIC Technology A82DL16X4T Datasheet HTML 53Page - AMIC Technology A82DL16X4T Datasheet HTML 54Page - AMIC Technology A82DL16X4T Datasheet HTML 55Page - AMIC Technology A82DL16X4T Datasheet HTML 56Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
51
AMIC Technology, Corp.
Timing Waveforms (continued)
Write Cycle 2
(Chip Enable Controlled)
tWC
Address
CE1_S
CE2_S
DIN
tDH
tDW
(4)
(4)
tCW5
tAW
tWR3
WE
DOUT
tWHZ 7
tWP2
tCW5
tAS1
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low
CE1_S , a high CE2_S and a low WE .
3. tWR is measured from the earliest of
CE1_S or WE going high or CE2_S going low to the end of the Write cycle.
4. If the
CE1_S low transition or the CE2_S high transition occurs simultaneously with the WE low transition or after
the WE transition, outputs remain in a high impedance state.
5. tCW is measured from the later of
CE1_S going low or CE2_S going high to the end of Write.
6. OE is continuously low. ( OE = VIL)
7. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.


Número de pieza similar - A82DL16X4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Descripción similar - A82DL16X4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com