Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A82DL16X4T Datasheet(PDF) 53 Page - AMIC Technology

No. de pieza A82DL16X4T
Descripción Electrónicos  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
Download  57 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL16X4T Datasheet(HTML) 53 Page - AMIC Technology

Back Button A82DL16X4T Datasheet HTML 49Page - AMIC Technology A82DL16X4T Datasheet HTML 50Page - AMIC Technology A82DL16X4T Datasheet HTML 51Page - AMIC Technology A82DL16X4T Datasheet HTML 52Page - AMIC Technology A82DL16X4T Datasheet HTML 53Page - AMIC Technology A82DL16X4T Datasheet HTML 54Page - AMIC Technology A82DL16X4T Datasheet HTML 55Page - AMIC Technology A82DL16X4T Datasheet HTML 56Page - AMIC Technology A82DL16X4T Datasheet HTML 57Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 53 / 57 page
background image
A82DL16x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
52
AMIC Technology, Corp.
SRAM
Data Retention Characteristics (TA = -40°C to 85°C)
Symbol
Parameter
Min.
Max.
Unit
Conditions
VDR1
2.0
3.6
V
CE1_S ≥ VCC - 0.2V
VDR2
VCC for Data Retention
2.0
3.6
V
CE2_S
≤ 0.2V,
ICCDR1_S
Data Retention Current
-
1*
µA
VCC_S = 2V,
CE1_S ≥ VCC_S - 0.2V,
VIN
≥ 0V
ICCDR2_S
-
1*
µA
VCC_S = 2V,
CE2_S
≤ 0.2V,
VIN
≥ 0V
tCDR
Chip Disable to Data Retention Time
0
-
ns
See Retention Waveform
tR
Operation Recovery Time
5
-
ms
*
ICCDR_S: max.
1
µA at TA = 0°C to + 40°C
Low VCC Data Retention Waveform (1) (
CE1_S Controlled)
VCC_S
CE1_S
tCDR
VIH
3.0V
tR
VIH
3.0V
DATA RETENTION MODE
VDR
_Σ ≥ 2V
CE1_S
≥ VDR - 0.2V
Low VCC Data Retention Waveform (2) (CE2_S Controlled)
VCC_S
CE2_S
tCDR
VIL
3.0V
tR
VIL
3.0V
DATA RETENTION MODE
VDR_S
≥ 2.0V
CE2_S
≤ 0.2V


Número de pieza similar - A82DL16X4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Descripción similar - A82DL16X4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42585 AMD-DS42585 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42587 AMD-DS42587 Datasheet
958Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
DS42514 AMD-DS42514 Datasheet
832Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM49DL640AG AMD-AM49DL640AG Datasheet
1,005Kb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM42BDS640AG SPANSION-AM42BDS640AG Datasheet
1Mb / 72P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com