Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

A82DL32X4T Datasheet(PDF) 22 Page - AMIC Technology

No. de pieza A82DL32X4T
Descripción Electrónicos  Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL32x4T(U) 32 Megabit (4Mx8 Bit/2Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  AMICC [AMIC Technology]
Página de inicio  http://www.amictechnology.com
Logo AMICC - AMIC Technology

A82DL32X4T Datasheet(HTML) 22 Page - AMIC Technology

Back Button A82DL32X4T Datasheet HTML 18Page - AMIC Technology A82DL32X4T Datasheet HTML 19Page - AMIC Technology A82DL32X4T Datasheet HTML 20Page - AMIC Technology A82DL32X4T Datasheet HTML 21Page - AMIC Technology A82DL32X4T Datasheet HTML 22Page - AMIC Technology A82DL32X4T Datasheet HTML 23Page - AMIC Technology A82DL32X4T Datasheet HTML 24Page - AMIC Technology A82DL32X4T Datasheet HTML 25Page - AMIC Technology A82DL32X4T Datasheet HTML 26Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 60 page
background image
A82DL32x4T(U) Series
PRELIMINARY
(August, 2005, Version 0.0)
21
AMIC Technology, Corp.
START
PLSCNT=1
555/AA + 2AA/55 +
555/77
Wait 1 us
First Write
Cycle=60h?
Set up sector
address
Sector Protect:
Write 60h to sector
address with A6=0,
A1=1, A0=0
Wait 150 us
Verify Sector
Protect: Write 40h
to sector address
with A6=0, A1=1,
A0=0
Read from
sector address
with A6=0,
A1=1, A0=0
Data=01h?**
Protect another
sector?
Write reset
command
Sector Protect
complete
Sector Protect
Algorithm
Temporary Sector
Unprotect Mode
Increment
PLSCNT
PLSCNT
=25?
Device failed
No
No
No
Yes
Reset
PLSCNT=1
Yes
Yes
No
Protect all sectors:
The indicated portion of
the sector protect
algorithm must be
performed for all
unprotected sectors prior
to issuing the first sector
unprotect address
START
PLSCNT=1
Wait 1 us
First Write
Cycle=60h?
No
Temporary Sector
Unprotect Mode
Yes
No
All sectors
protected?
Set up first sector
address
Sector Unprotect:
Write 60h to sector
address with A6=1,
A1=1, A0=0
Wait 15 ms
Verify Sector
Unprotect : Write
40h to sector
address with A6=1,
A1=1, A0=0
Read from sector
address with A6=1,
A1=1, A0=0
Data=00h?**
Last sector
verified?
Write reset
Command
Sector Unprotect
complete
Yes
Yes
Set up
next sector
address
No
Yes
Yes
Sector Unprotect
Algorithm
Increment
PLSCNT
PLSCNT=
1000?
Device failed
Yes
No
No
Figure 2-2. Software Sector/Sector Block Protection and Unprotection Algorithms
Note: The term “sector” in the figure applies to both sectors and sector blocks
* No other command is allowed during this process
** Access time is 200ns-300ns
555/AA + 2AA/55 +
555/77


Número de pieza similar - A82DL32X4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
A82DL1622 AMICC-A82DL1622 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70 AMICC-A82DL1622TG-70 Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70F AMICC-A82DL1622TG-70F Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70I AMICC-A82DL1622TG-70I Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
A82DL1622TG-70IF AMICC-A82DL1622TG-70IF Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
More results

Descripción similar - A82DL32X4T

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AMIC Technology
A82DL16X2T AMICC-A82DL16X2T Datasheet
883Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x2T(U) 16 Megabit (2Mx8 Bit/1Mx16 Bit) CMOS 3.3 Volt-only, Simultaneous Operation Flash
logo
SPANSION
AM49DL32XBG SPANSION-AM49DL32XBG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
AM49DL320BG SPANSION-AM49DL320BG Datasheet
1Mb / 64P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM 32 Megabit (4 M x 8-Bit/2 M x 16-Bit) CMOS 3.0 Volt-only, Simultaneous
logo
AMIC Technology
A82DL16X4T AMICC-A82DL16X4T Datasheet
896Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM, A82DL16x4T(U) 16 Megabit (2Mx8 Bit/1Simultaneous Operation Flash Memory and 4M (256Kx16 Bit) S
logo
SPANSION
S71PL129JC0 SPANSION-S71PL129JC0_06 Datasheet
3Mb / 153P
   Stacked Multi-Chip Product (MCP) Flash Memory and pSRAM 128 Megabit (8M x 16-bit) CMOS3.0 Volt-only Simultaneous Operation, Page Mode Flash Memory
MB84VD2118XEM-70 SPANSION-MB84VD2118XEM-70 Datasheet
872Kb / 52P
   Stacked MCP (Multi-Chip Package) FLASH MEMORY & SRAM CMOS
logo
Advanced Micro Devices
DS42553 AMD-DS42553 Datasheet
955Kb / 58P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
SPANSION
AM41DL3208G SPANSION-AM41DL3208G Datasheet
1Mb / 65P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
AM42DL6404G SPANSION-AM42DL6404G Datasheet
1,020Kb / 61P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
logo
Advanced Micro Devices
DS42515 AMD-DS42515 Datasheet
830Kb / 57P
   Stacked Multi-Chip Package (MCP) Flash Memory and SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com