Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TS5A3157 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
No. de pieza TS5A3157
Descripción Electrónicos  10-ohm SPDT ANALOG SWITCH
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  TI [Texas Instruments]
Página de inicio  http://www.ti.com
Logo TI - Texas Instruments

TS5A3157 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TS5A3157 Datasheet HTML 7Page - Texas Instruments TS5A3157 Datasheet HTML 8Page - Texas Instruments TS5A3157 Datasheet HTML 9Page - Texas Instruments TS5A3157 Datasheet HTML 10Page - Texas Instruments TS5A3157 Datasheet HTML 11Page - Texas Instruments TS5A3157 Datasheet HTML 12Page - Texas Instruments TS5A3157 Datasheet HTML 13Page - Texas Instruments TS5A3157 Datasheet HTML 14Page - Texas Instruments TS5A3157 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 26 page
background image
www.ti.com
TYPICAL PERFORMANCE
0
20
40
60
80
100
120
140
0
1
2
3
4
5
V+ = 5 V
VCOM (V)
V+ = 3.3 V
V+ = 2.5 V
V+ = 1.8 V
0
2
4
6
8
10
12
14
16
0.0 0.3 0.6 0.9 1.2 1.5
1.8 2.1 2.4 2.7 3.0
VCOM (V)
255C
–405C
855C
0
2
4
6
8
10
0
1
2
3
4
5
VCOM (V)
855C
255C
–405C
TS5A3157
10-
Ω SPDT ANALOG SWITCH
SCDS199 – JUNE 2005
Figure 1. ron vs VCOM
Figure 2. ron vs VCOM (V+ = 3 V)
Figure 3. ron vs VCOM (V+ = 4.5 V)
11


Número de pieza similar - TS5A3157

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS5A3157 TI1-TS5A3157 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157DBVR TI1-TS5A3157DBVR Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
TS5A3157DBVRE4 TI1-TS5A3157DBVRE4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
TS5A3157DBVRG4 TI1-TS5A3157DBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   10OHM SPDT ANALOG SWITCH
More results

Descripción similar - TS5A3157

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Texas Instruments
TS3A5018 TI-TS3A5018 Datasheet
350Kb / 19P
[Old version datasheet]   10 OHM QUAD SPDT ANALOG SWITCH
TS5A63157 TI-TS5A63157 Datasheet
411Kb / 27P
[Old version datasheet]   12-OHM SPDT ANALOG SWITCH
TS5A2053 TI-TS5A2053 Datasheet
310Kb / 23P
[Old version datasheet]   SINGLE-CHANNEL 10-OHM SPDT ANALOG SWITCH WITH ENABLE
logo
Integrated Device Techn...
IDTAS4684 IDT-IDTAS4684_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Protek Devices
PA2535 PROTEC-PA2535_15 Datasheet
138Kb / 9P
   0.35 OHM DUAL SPDT ANALOG SWITCH
logo
Integrated Device Techn...
IDTAS4684A IDT-IDTAS4684A_1 Datasheet
264Kb / 13P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
IDTAS4684 IDT-IDTAS4684 Datasheet
298Kb / 14P
   0.5 OHM, DUAL SPDT ANALOG SWITCH
logo
Unisonic Technologies
U7SB3157 UTC-U7SB3157 Datasheet
198Kb / 7P
   10-廓 SPDT Analog Switch
logo
Texas Instruments
TS5A3157 TI1-TS5A3157_14 Datasheet
1Mb / 29P
[Old version datasheet]   10-廓 SPDT ANALOG SWITCH
logo
Global Mixed-mode Techn...
G3204 GMT-G3204 Datasheet
105Kb / 1P
   Quad 10 SPDT Analog Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL




Política de Privacidad
ALLDATASHEET.ES
¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com