Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NBN8-18GM60-WS Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

No. de Pieza. NBN8-18GM60-WS
Descripción  Inductive sensor
Descarga  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN8-18GM60-WS Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN8-18GM60-WS Hoja de datos HTML 1Page - Pepperl+Fuchs Inc. NBN8-18GM60-WS Hoja de datos HTML 2Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
Inductive sensor
NBN8-18GM60-WS
Germany: +49 621 776 1111
Pepperl+Fuchs Group
Refer to "General Notes Relating to Pepperl+Fuchs Product Information".
USA: +1 330 486 0001
Singapore: +65 6779 9091
www.pepperl-fuchs.com
fa-info@us.pepperl-fuchs.com
fa-info@sg.pepperl-fuchs.com
fa-info@de.pepperl-fuchs.com
S
Model Number
NBN8-18GM60-WS
Features
• 8 mm non-flush
•2-wire AC
Accessories
BF 18
Mounting flange, 18 mm
Technical Data
General specifications
Switching function
Normally open (NO)
Output type
Two-wire
Rated operating distance
sn
8 mm
Installation
non-flush
Output polarity
AC
Assured operating distance
sa
0 ... 6.48 mm
Actual operating distance
sr
7.2 ... 8.8 mm typ. 8 mm
Reduction factor rAl
0.4
Reduction factor rCu
0.4
Reduction factor r304
0.7
Output type
2-wire
Nominal ratings
Operating voltage
UB
20 ... 253 V
Switching frequency
f
0 ... 20 Hz
Hysteresis
H
typ. 7.5 %
Reverse polarity protection
reverse polarity tolerant
Voltage drop
Ud
< 5 V (IL > 50 mA); < 8 V (IL < 50 mA)
Momentary current
(20 ms, 0.1 Hz)
0 ... 1600 mA
Operating current
IL
5 ... 200 mA
Off-state current
Ir
0 ... 1.7 mA typ.
Time delay before availability
tv
≤ 30 ms
Operating voltage indicator
LED, green
Switching state indicator
LED, yellow
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
cable PVC , 2 m
Core cross-section
0.34 mm2
Housing material
brass, nickel-plated
Sensing face
PBT
Degree of protection
IP67
Cable
Cable diameter
4.6 mm ± 0.2 mm
Bending radius
> 10 x cable diameter
Note
1) In the temperature range below 0 °C, permissible operating
voltage Ub 80...253 V
Safety fuse ≤ 0.8 A (quick-blow) according to IEC 60127-2 Sheet 1
Recommendation: after a short circuit, check that the device is
functioning correctly.
Compliance with standards and
directives
Standard conformity
Standards
EN 60947-5-2:2007
EN 60947-5-2/A1:2012
IEC 60947-5-2:2007
IEC 60947-5-2 AMD 1:2012
Approvals and certificates
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
Certified by China Compulsory Certification (CCC)
Dimensions
LEDs
M18 x 1
24


Html Pages

1  2 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn