Motor de Búsqueda de Datasheet de Componentes Electrónicos
Selected language     Spanish  ▼

Delete All
ON OFF
ALLDATASHEET.ES

X  

Preview PDF Download HTML

NBN8-F1-A2-V31 Datasheet(PDF) 1 Page - Pepperl+Fuchs Inc.

No. de Pieza. NBN8-F1-A2-V31
Descripción  Inductive sensor
Descarga  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricante  PF [Pepperl+Fuchs Inc.]
Página de inicio  https://www.pepperl-fuchs.com/
Logo PF - Pepperl+Fuchs Inc.

NBN8-F1-A2-V31 Datasheet(HTML) 1 Page - Pepperl+Fuchs Inc.

  NBN8-F1-A2-V31 Hoja de datos HTML 1Page - Pepperl+Fuchs Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
Inductive sensor
NBN8-F1-A2-V31
Germany: +49 621 776-4411
Subject to modifications without notice
Pepperl+Fuchs Group
fa-info@pepperl-fuchs.com
www.pepperl-fuchs.com
USA: +1 330 486 0001
fa-info@us.pepperl-fuchs.com
Singapore: +65 6779 9091
fa-info@sg.pepperl-fuchs.com
Copyright Pepperl+Fuchs
Model Number
NBN8-F1-A2-V31
Features
8 mm non-flush
•4-wire DC
Connection
Pinout
Accessories
V31-WM-2M-PUR
4-pin, M8 socket, PUR cable
V31-GM-2M-PUR
4-pin, M8 socket, PUR cable
1
L+
L-
4
2
3
13
24
1
BN
2
WH
3
BU
4
BK
Wire colors in accordance with EN 60947-5-2
(brown)
(white)
(blue)
(black)
Dimensions
Technical Data
General specifications
Switching element function
PNP
NO/NC
Rated operating distance
sn
8 mm
Installation
non-flush
Output polarity
DC
Assured operating distance
sa
0 ... 6.48 mm
Reduction factor rAl
0.45
Reduction factor rCu
0.45
Reduction factor r304
0.7
Reduction factor rBrass
0.55
Nominal ratings
Operating voltage
UB
10 ... 30 V DC
Switching frequency
f
0 ... 1400 Hz
Hysteresis
H
typ. 5%
Reverse polarity protected
reverse polarity protected
Short-circuit protection
pulsing
Voltage drop
Ud
≤ 2.5 V
Rated insulation voltage
UBIS
60 V
Operating current
IL
0 ... 250 mA
Off-state current
Ir
0 ... 0.01 mA typ. 0.1
µA at 25 °C
No-load supply current
I0
≤ 15 mA
Indication of the switching state
LED, yellow
Functional safety related parameters
MTTFd
1530 a
Mission Time (TM)
20 a
Diagnostic Coverage (DC)
0 %
Ambient conditions
Ambient temperature
-25 ... 70 °C (-13 ... 158 °F)
Mechanical specifications
Connection type
Device connector M8 x 1 , 4-pin
Housing material
PA
Sensing face
PA
Protection degree
IP67
Tightening torque, fastening screws
Threading M3 max: 1.1 Nm
Compliance with standards and directives
Standard conformity
Standards
EN 60947-5-2:2007
IEC 60947-5-2:2007
Approvals and certificates
Protection class
II
Rated insulation voltage
Ui
60 V
Design-impulse-voltage withstand Uimp
800 V
UL approval
cULus Listed, General Purpose
CSA approval
cCSAus Listed, General Purpose
CCC approval
Products with a maximum operating voltage of
≤36 V do not bear a
CCC marking because they do not require approval.
M3
M3
3.2 x 5
ø 3.2
4
LED
26
4.5
4
12
M8
x 1


Html Pages

1 


Datasheet Download

Go To PDF Page


Enlace URL




Privacy Policy
ALLDATASHEET.ES
Does ALLDATASHEET help your business so far?  [ DONATE ]  

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Favorito   |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn